PART |
Description |
Maker |
LR8563-15PQ LR8563-15PRA LR8563-15PRB LR8563-18PQ |
Low noise, fast response 300mA LDO regu lator
|
Leshan Radio Company
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
APL5301-15B APL5301-48B APL5301-46B APL5301-25B AP |
Low IQ, Low Dropout 300mA Fixed Voltage Regulator 低智商,固定00mA低压降稳压器 Low IQ, Low Dropout 300mA Fixed Voltage Regulator 低智商,固定300mA低压降稳压器
|
Anpec Electronics Corporation Anpec Electronics, Corp. Amphenol, Corp.
|
TS9000 TS9000ANCX TS9000ANCY TS9000ASCT TS9000AVCT |
Analog IC: Low Drop Out Voltage Regulators 300mA CMOS Low Dropout Voltage Regulator
|
TSC[Taiwan Semiconductor Company, Ltd]
|
SPX1521_07 SPX1521 SPX1521M3-L-3-3 SPX1521M3-L-5-0 |
300mA Low Dropout Voltage Regulator
|
SIPEX[Sipex Corporation]
|
SPX2808 SPX2808M1-3.3 SPX2808M1-3.5 SPX2808M3-3.3 |
300mA Low Dropout Voltage Regulator
|
Sipex Corporation
|
BQ8211 BQ8211CY-M5-18-TR BQ8211CY-M5-18-TRL BQ8211 |
Low Dropout 300mA Voltage Regulator with Enable
|
Acutechnology Semiconductor
|
APL5308 |
(APL5308 / APL5309) Low Dropout 300mA Fixed Voltage Regulator
|
Anpec Electronics
|
AP131-XXWG-7 AP131-XXWL-7 AP131-35WL-7 |
300mA LOW DROPOUT LINEAR REGULATOR WITH 1.5A Fast Ultra Low Dropout Linear Regulators 3.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5
|
Diodes Incorporated Diodes, Inc.
|
AMC7635 AMC7635-1.5 AMC7635-1.8 AMC7635-2.0 AMC763 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 300mA CMOS LOW DROPOUT REGULATOR
|
ADDtek Corp.
|
CLM2951 CLM2951AC CLM2951ACP-X CLM2951ACS-X CLM295 |
3 V, 150 mA low dropout voltage regulator 5 V, 150 mA low dropout voltage regulator 150mA Low Dropout Voltage Regulators 150mA的低压差稳压 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|