PART |
Description |
Maker |
SFT503 SFT501 |
5 AMP 200 Volts HIGH SPEED PNP Transistor
|
SSDI[Solid States Devices, Inc]
|
SFT3303 |
5 AMP PNP HIGH SPEED POWER TRANSISTOR 120 VOLTS
|
Solid States Devices, Inc
|
BC857BF BC857AF BC858BF BC856BF BC857CF BC858CF BC |
PNP general purpose transistors 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Octal Positive-Edge Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic 8-Stage Synchronous Down Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Stage Binary Counter 14-SOIC -55 to 125
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
LT1057 LT1057AC LT1057ACH LT1057ACJ LT1057ACJ8 LT1 |
Dual and Quad/ JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps DUAL OP-AMP, 1400 uV OFFSET-MAX, 5 MHz BAND WIDTH, CDIP8 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers 16-SO 0 to 70 Dual and Quad, JFET Input Precision, High Speed Op Amps Dual and Quad JFET Input Precision High Speed Op Amps From old datasheet system Dual Precision, High Speed, JFET Input Op Amp(精密,高速,结型场效应管输入双路运算放大 Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Linear Technology Corporation LINER[Linear Technology] Black Box, Corp.
|
2SA1650 2SA1650L |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
|
NEC, Corp. NEC[NEC]
|
AD713KN AD713SQ 5962-9063302MCA AD713 5962-9063301 |
Triple 3-input positive-NAND gates 14-SO 0 to 70 Quad Precision, Low Cost, High Speed, BiFET Op Amp QUAD OP-AMP, 1000 uV OFFSET-MAX, 4 MHz BAND WIDTH, CDIP14 Quad Precision, Low Cost, High Speed, BiFET Op Amp QUAD OP-AMP, 2000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO16 Quad Precision, Low Cost, High Speed, BiFET Op Amp QUAD OP-AMP, 2000 uV OFFSET-MAX, 4 MHz BAND WIDTH, CDIP14 Quad Precision, Low Cost, High Speed, BiFET Op Amp QUAD OP-AMP, 700 uV OFFSET-MAX, 4 MHz BAND WIDTH, CDIP14
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
ISL55141IRZ ISL55141IVZ ISL551410607 ISL55142IRZ I |
High-Speed 18V CMOS Comparators; Temperature Range: -40°C to 85°C; Package: 36-QFN T&R COMPARATOR, 50000 uV OFFSET-MAX, 9.5 ns RESPONSE TIME, PQCC36 High-Speed 18V CMOS Comparators; Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R COMPARATOR, 50000 uV OFFSET-MAX, 9.5 ns RESPONSE TIME, PDSO14
|
Intersil, Corp. Intersil Corporation
|
ISL54212IRTZ ISL54212IRTZ-T ISL54212IRUZ-T ISL5421 |
MP3/USB 2.0 High Speed Switch with Negative Signal Handling; Temperature Range: -40°C to 85°C; Package: 10-TDFN T&R 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO10
|
Intersil Corporation Intersil, Corp.
|
OP42 OP-42GS OP-42 OP-42AJ OP-42ARC_883 OP-42AZ OP |
High Speed, Fast Setting Precision Operational Amplifier High Speed, Fast Settling Precision Operational Amplitier High Speed, Fast Settling Precision Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: TBD OP-AMP, 6000 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 High Speed, Fast Settling Precision Operational Amplifier; Package: LCC; No of Pins: 20; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed, Fast Settling Precision Operational Amplifier; Package: CerDIP; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CDIP8 High Speed, Fast Settling Precision Operational Amplifier; Package: Header; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, MBCY8 HIGH SPEED / FAST SETTLING PRECISION OPERATIONAL AMPLIFIER ER 8C 8#12 PIN RECP WALL OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed Fast Settling Precision Operational Amplifier(596.41 k) 高速精密快速沉降运算放大器96.41十一
|
Analog Devices, Inc. AD[Analog Devices]
|
2N3209DCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED/ MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE DUAL HIGH SPEED, MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
|