PART |
Description |
Maker |
2SB816 2SD1046 2SD1046E |
TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 8A I(C) | TO-218VAR 晶体管|晶体管| npn型| 120伏特五(巴西)总裁| 8A条一(c)|18VAR For LF Power Amp,50W Output, Large Power Switching For LF Power Amp/50W Output/ Large Power Switching
|
TE Connectivity, Ltd. SANYO[Sanyo Semicon Device]
|
SPT5130 |
50 AMP NPN POWER SWITCHING TRANSISTOR
|
SSDI[Solid States Devices, Inc]
|
ISL97645A ISL97645AIRZ ISL97645AIRZ-T ISL97645AIRZ |
Boost VON Slice VCOM; Temperature Range: -40°C to 85°C; Package: 24-QFN T&R 2.9 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, PQCC24
|
Intersil, Corp. Intersil Corporation
|
ISL6443AIRZ-TK |
300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R DUAL SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp.
|
ISL6313CRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications; Temperature Range: 0°C to 70°C; Package: 36-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC36
|
Intersil, Corp.
|
LT1976BIFEPBF |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
ZL2004ALNNT1 |
Adaptive Digital DC-DC Controller with Current Sharing; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, QCC32
|
Intersil, Corp.
|
ZL2006ALNFT1 |
Adaptive Digital DC-DC Controller with Drivers and Current Sharing; Temperature Range: -40°C to 85°C; Package: 36-QFN T&R SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, QCC36
|
Intersil, Corp.
|
ISL6844IBZ-T |
Improved Industry-Standard Single-Ended PWM Controller; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 1 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PDSO8
|
Intersil, Corp.
|
ISL8014IRZ-T |
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 6.6 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC16
|
Intersil, Corp.
|
LT1339ISWTRPBF |
High Power Synchronous DC/DC Controller; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C SWITCHING CONTROLLER, 150 kHz SWITCHING FREQ-MAX, PDSO20
|
Linear Technology, Corp.
|
|