PART |
Description |
Maker |
27C512A-90/J 27C512A-90/K 27C512A-70/J 27C512A-70/ |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps 500MHz, Low-Power Op Amps 250MHz, Broadcast-Quality, Low-Power Video Op Amps Evaluation Kit for the MAX4104, MAX4105, MAX4304, MAX4305 Micropower, SOT23, Rail-to-Rail, Fixed-Gain GainAmp Open-Loop GainAmps Op Amps 400MHz, Ultra-Low-Distortion Op Amps x8 EPROM x8存储 330MHz Buffered Video Switches Crosspoint Building Blocks x8存储 350MHz, Ultra-Low-Noise Op Amps x8存储 Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers x8存储
|
Integrated Device Technology, Inc.
|
MGCR01 40 |
Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS From old datasheet system
|
Zarlink
|
MCP6471 MCP6472 MCP6474 |
2 MHz, Low-Input Bias Current Op Amps Linear- Op Amps
|
Microchip Technology Microchip Technology, Inc.
|
VC1210K401R014 |
Varistors, VC, Low Voltage, 18 V, 14 VAC, 22 V, 38 V, 3 Amps, 400 Amps, 1.6 J, 10 mW
|
Kemet Corporation
|
QRS061K001 |
600 Volts Fast Recovery Diode Module 1000 Amps Free Wheeling 420 Amps Average
|
Powerex Power Semiconductors
|
UTT150N06L-TA3-T UTT150N06G-TA3-T |
150 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
MGCR01QP1S MGCR01QP1T MGCR01KG MGCR01 |
Dual Band IF Receiver for TDMA/AMPS and CDMA/AMPS Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
|
Zarlink Semiconductor Inc
|
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MGB19N35CL MGP19N35CL |
Ignition IGBT 19 Amps, 350 Volts(19A50V钳位电压,点火绝缘栅双极型晶体管(D2PAK封装 点火IGBT一十九安培50伏特,(9A50V钳位电压,点火绝缘栅双极型晶体管(采用D2PAK封装)) Ignition IGBT 19 Amps, 350 Volts(19A350V钳位电压,点火绝缘栅双极型晶体管(TO-220封装 19 A, 380 V, N-CHANNEL IGBT, TO-220AB Ignition IGBT 19 Amps, 350 Volts(19A锛?50V?充??靛?锛?????缂????????浣??锛?O-220灏??锛?
|
ON Semiconductor
|
3810 3811 7111 7113 7114 7115 7116 7117 7118 7119 |
T-3/4 subminiature, miniature flanged lamp. 1.5 volts, 0.010 amps. T-3/4 subminiature, miniature flanged lamp. 1.5 volts, 0.015 amps. T-3/4 subminiature, bi-pin lamp. 2.5 volts, 0.110 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.060 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.075 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.080 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.115 amps. T-3/4 subminiature, miniature flanged lamp. 2.5 volts, 0.110 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.115 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.015 amps. T-3/4 subminiature, bi-pin lamp. 1.5 volts, 0.010 amps. T-3/4 subminiature, bi-pin lamp. 1.5 volts, 0.015 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.080 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.015 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.060 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.075 amps.
|
Gilway Technical Lamp
|
|