PART |
Description |
Maker |
EM6126 |
81 and 65 MUX LCD Controller and Driver High Uniformity of Contrast and no external components EM6126 is a controller and driver for character monochrome TN and STN LCD displays
|
EM Microelectronic - MARIN SA
|
S6A0074X DS_S6A0074 S6A0074 |
34 COM / 80 SEG Driver & controller for Dot Matrix LCD Mobile DDI From old datasheet system 34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
|
Samsung Electronic Samsung semiconductor
|
KS0073 S6A0073X |
34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD 34 COM/60 SEG Driver & controller for Dot Matrix LCD
|
Samsung Electronic
|
SSD1828Z SSD1828 |
1.8-3.3V LCD segment / common driver with controler for liquid crystal dot-matrix graphic display system LCD Segment / Common Driver with Controller CMOS
|
SOLOMON SYSTECH ETC[ETC]
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
PCF8531U2DA1 PCF853111 |
34 x 128 pixel matrix driver Single-chip LCD controller and driver
|
NXP Semiconductors
|
UPD17202AGF-011 UPD17202AGF-011-3BE |
4-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND KEY SCAN CIRCUIT FOR FPC FRONT PANEL CONTROLLER
|
NEC[NEC]
|
TC9308 TC9308AF E005492 |
From old datasheet system DTS MICRO CONTROLLER CONTAINING PLL-LCD DRIVER (DTS-11) DTS MICRO CONTROLLER CONTAINING PLL.LCD DRIVER
|
TOSHIBA[Toshiba Semiconductor]
|
LC7985 LC7985NA LC7985ND |
LCD Controller/Driver
|
SANYO[Sanyo Semicon Device]
|
PCF2113A PCF2113AU PCF2113D PCF2113DH PCF2113DH_F2 |
LCD controller/driver
|
Philips Semiconductors
|
A31W33128 A31W33128C A31W33128T |
LCD Controller-Driver
|
AMICC[AMIC Technology]
|
HT16K33 |
LCD Controller Driver
|
Holtek Semiconductor
|