PART |
Description |
Maker |
SP5669 SP5669/KG/MP1S |
PLL FREQUENCY SYNTHESIZER, 2700 MHz, PDSO16 2.7GHz I2C Bus Controlled Synthesiser
|
INTEL CORP Zarlink
|
SP5024DP SP5024SMP SP5848_KG_QP1T SP8715_IG_MPAC S |
3-Wire Bus Controlled Synthesiser 2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL 1100MHz Very Low Current Multi-Modulus Divider 3.3GHZ ± 32 Fixed Modulus Divider
|
Zarlink Semiconductor Inc
|
SP5026 SP5026SMP SP5026DP |
1.0GHz 3-Wire Bus Controlled Synthesizer
|
ZARLINK[Zarlink Semiconductor Inc]
|
SP5026 |
1.0GHz 3-Wire Bus Controlled Synthesizer
|
Zarlink
|
X9418YS24Z-2.7 X9418YV24Z-2.7 X9418YS24IZ-2.7 X941 |
Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-SOIC DUAL 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-TSSOP DUAL 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-SOIC DUAL 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP DUAL 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP DUAL 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-TSSOP DUAL 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
|
Intersil, Corp.
|
TSA5060A TSA5060AT TSA5060ATS |
1.3 GHz I 2 C-bus controlled low 1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
|
PHILIPS[Philips Semiconductors]
|
X9258US24I-2.7T1 X9258TS24I-2.7T1 X9258TV24I |
Low Noise, Low Power, 2-Wire Bus, 256 Taps Quad Digital Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-SOIC T&R Quad Digital Controlled Potentiometers(XDCP?
|
INTERSIL CORP Intersil Corporation
|
ISL22343UFR20Z ISL22343WFV20Z ISL22343UFV20Z |
Quad Digitally Controlled Potentiometer XDCP Quad Digitally Controlled Potentiometer (XDCP™), Low Noise, Low Power, I2C® Bus, 256 Taps; Temperature Range: Full-Range Ind; Package: 20-QFN 50K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PQCC20
|
Intersil Corporation Intersil, Corp.
|
X9221AYPI X9221AYSZ X9221AYS X9221AYSIZ X9221A X92 |
Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 20-SOIC DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20 64 Taps, 2-Wire Serial Bus DUAL 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
X9409WV24IZ-2.7 X9409WV24I-2.7 X9409WV24-2.7 X9409 |
Low Noise/Low Power/2-Wire Bus QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
|
数字电位 Intersil, Corp. Aimtec
|
SP5611KG SP5611KGMPAS SP5611SKG SP5611SKGMPAD |
1・3GHz Bidirectional I2C Bus Controlled Synthesiser 1.3 GHz的双向I2C总线控制合成 13GHz Bidirectional I2C Bus Controlled Synthesiser
|
Mitel Networks, Corp. Mitel Semiconductor
|