PART |
Description |
Maker |
SP516 |
20Mbps 7 Driver / 7 Receiver Multiprotocol Serial Transceiver with Termination Disable
|
Sipex
|
SP385E-1 SP385E-1CA SP385E-1CT SP385E-1EA SP385E-1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C True 3V or 5V RS-232 Line Driver/Receiver
|
SIPEX[Sipex Corporation]
|
LTC1690I LTC1690C LTC1690CMS8 LTC1690CN8 LTC1690 |
Differential Driver and Receiver Pair with Fail-Safe Receiver Output
|
Linear Technology
|
NBSG16MNR2 NBSG16MN NBSG16BAR2 NBSG16BAEVB NBSG16B |
2.5 V/3.3 V SiGe Differential Receiver/Driver with RSECL Outputs From old datasheet system 2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
|
ONSEMI[ON Semiconductor]
|
CY6264 CY6264-55SC CY6264-55SNC CY6264-70SC CY6264 |
Memory : MicroPower SRAMs 8K x 8 Static RAM From old datasheet system Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 8K X 8 STANDARD SRAM, 55 ns, PDSO28 Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 8K X 8 STANDARD SRAM, 70 ns, PDSO28 Single Supply RS232C Line Driver/Receiver(氓??莽?碌忙潞?RS232C 莽潞驴忙?露氓??氓?篓茂录?2氓??2忙?露茂录?)
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
NBSG16MMNR2 NBSG16MMN NBSG16M |
2.5V/3.3V SiGe Differential CML Receiver/Driver 2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer 2.5V/3.3VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer 2.5V/3.3VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
|
ONSEMI[ON Semiconductor]
|
TSSOPSP3220ECY/TR WSOICSP3220ECT/TR SSOPSP3220ECA/ |
3.0V to 5.5V RS-232 Driver/Receiver Pair Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C
|
Sipex Corporation
|
LT1181A LT1180A LT1180ACN LT1180ACSW LT1180AIN LT1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
|
Linear Technology, Corp. Linear Integrated Systems
|
P6KE180 P6KE6.8A P6KE13A P6KE350 P6KE43 |
Wireless 27MHz Dual receiver 28-TSSOP -40 to 85 TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR 技术规格瞬态电压抑制器 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
|
DC Components Co., Ltd.
|
N8T26AF N8T26AB N8T28 N8T28B N8T28F S8T28F AM8T26A |
Schottky Three-State Quad Bus Driver/Receiver Schotty 3 State Quad Bus Driver / Receiver
|
AMD[Advanced Micro Devices]
|
LTC2850CDD LTC2850CDD8 LTC2851HDD LTC2851HDD8 LTC2 |
3.3V 20Mbps RS485/RS422 Transceivers
|
Linear Technology
|
LTC2852CDDPBF LTC2851IS8PBF LTC2850CMS8PBF LTC2850 |
3.3V 20Mbps RS485/RS422 Transceiver; Package: DFN; No of Pins: 10; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO10 3.3V 20Mbps RS485/RS422 Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|