PART |
Description |
Maker |
SP-750-27 SP-750-48 SP-750-15 SP-750-12 SP-750-24 |
750W Single Output Power Supply
|
Mean Well Enterprises Co., Ltd.
|
SP-750-5 SP-750-27 SP-750-48 SP-750-15 SP-750-12 S |
750W Single Output with PFC Function
|
Astrodyne, Inc. Astrodyne Corporation
|
CP-SNT55W |
Swi tchmode power suppl ies 瑞东tchmode权力suppl载体
|
Electronic Theatre Controls, Inc.
|
VZC-6967AM |
750W Compact High Power Amplifier
|
Communications & Power Industries, Inc.
|
VZX-6987A7 |
750W Compact Medium Power Amplifier
|
Communications & Power Industries, Inc. http://
|
VS50B-12 VS50B-15 VS50B-24 VS50B-3 VS50B-5 VS150B- |
Single output 10W~150W External Plug-In Power Supply; Series:; Output Voltage:24V; Output Power Max:30W; Output Current:1.25A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:86% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:18V; Output Power Max:30W; Output Current:1.67A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:85% RoHS Compliant: Yes Switch Mode Power Supply; Output Power:28W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:2.3A; Leaded Process Compatible:No; Output Current:2.3A; Output Power Max:28W; Output Voltage:12V RoHS Compliant: No CAP .01UF 400V POLYPROPYLENE Single output 10W~150W 单输出功0W150
|
LAMBDA[DENSEI-LAMBDA] TE Connectivity, Ltd. Unity Opto Technology Co., Ltd.
|
VZC-6967V7 |
750W Outdoor TWT Amplifier
|
Communications & Power Industries, Inc.
|
POLS10-12T POLS10-12T-P POLS10-12TA-P |
10A Output Current Rating DC/DC Open Frame Power Supply Single Output
|
Wall Industries,Inc.
|
POLS16-12T |
16A Output Current Rating DC/DC Open Frame Power Supply Single Output
|
Wall Industries,Inc.
|
MAX4165 MAX4165EUK-T MAX4166 MAX4166EPA MAX4166ESA |
Quad, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp. High-Output-Drive / Precision / Low-Power / Single- Supply / Rail-to-Rail I/O Op Amps with Shutdown From old datasheet system High-Output-Drive Precision Low-Power Single- Supply Rail-to-Rail I/O Op Amps with Shutdown High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown Dual, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp with swhutdown.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|