PART |
Description |
Maker |
Q62702-S206 BSS100 Q62702-S499 Q62702-S007 |
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BSS129 Q62702-S015 Q67000-S116 |
SIPMOS Small-Signal Transistor(N channel Depletion mode High dynamic resistance) SIPMOS ? Small-Signal Transistor
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BSP129 Q67000-S314 Q67000-S073 |
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance) 0.19 A, 240 V, 20 ohm, N-CHANNEL, Si, POWER, MOSFET SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
Q67041-S4028 BSO305N |
Dual N-Channel SIPMOS Small-Signal Tr... SIPMOS Small-Signal-Transistor From old datasheet system
|
Infineon Technologies AG
|
BSP17 Q67000-S220 BSP17Q67000-S220 |
TRANSISTOR MOSFET SMD SOT 223 N KANAL INNOLINE: RP100-S_DI - Single Output up to 25A Dual Outputs Total Power up to 100W- Input/Output 1.6kVDC Isolation- Adjustable Output Voltage SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated) SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
BSP170 |
INNOLINE: RP100-xxxxSB - Single Outputs up to 30A; Input/Output 1.6kVDC Isolation; Adjustable Output Voltage; No Minimum Load; Under -Voltage Lockout SIPMOS Small-Signal Transistor (P channel Enhancement mode Avalanche rated) SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BSP320S Q67000-S4001 BSP320 |
SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated) SIPMOS ? Small-Signal Transistor
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
SN7002 Q67000-S063 |
SIPMOS Small-Signal Transistor From old datasheet system SIPMOS ? Small-Signal Transistor
|
SIEMENS[Siemens Semiconductor Group] Infineon
|
BSO612CV |
Low Voltage MOSFETs - SIPMOS, Complementary, 60V, SO-8, RDSon(N/P) = 0.12/0.30Ohm, Id(N) = 3.1A, Id(P) = -2.0A, NL SIPMOS Small-Signal-Transistor
|
INFINEON[Infineon Technologies AG]
|
BSP123 |
Low Voltage MOSFETs - Small-Signal MOSFET, 100V, SOT-223, RDSon=6 Ohm, 0.37A, LL SIPMOS Small-Signal-Transistor
|
INFINEON[Infineon Technologies AG]
|
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|