PART |
Description |
Maker |
MC79L08F09 MC79L08F-TP |
Three-Terminal Low Current Negative Voltage Regulat
|
Micro Commercial Components
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
B1117N-1.5 B1117N-3.3 B1117N-2.5 B1117N-2.85 B1117 |
Adjustable 1.0A low dropout voltage regulator 1.85V 1.0A low dropout voltage regulator 2.5V 1.0A low dropout voltage regulator 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.5V 1.0A low dropout voltage regulator 1.8V 1.0A low dropout voltage regulator 2.85V 1.0A low dropout voltage regulator 3.3V 1.0A low dropout voltage regulator
|
List of Unclassifed Man... BayLinear ETC[ETC] List of Unclassifed Manufacturers
|
ADP3335 ADP3335ARM-18 ADP3335ARM-25 ADP3335ARM-285 |
0.3-16V; 200mW; 500MHz, high accuracy ultralow 500mA anyCAP low dropout regulator. For PCMCIA card, cellular phones, camcorders and cameras High Accuracy Ultralow IQ/ 500 mA anyCAP Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator High Accuracy Ultralow Quiescent Current, 500mA, anyCAP?Low Dropout
|
Analog Devices, Inc. AD[Analog Devices] http://
|
G941T25B G941T25T G941T25U G940T22B G941T22B G940T |
3.7V 400mA Low Dropout Regulator 3.7 V, 400 mA low dropout regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
Global Mixed-mode Techn... Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc]
|
LX8630-00CDD LX8630-00CP LX8630-25CDD LX8630-25CP |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3A BiCMOS Very Low Dropout Regulators
|
MICROSEMI[Microsemi Corporation]
|
NCP565D2T NCP565D2T12 NCP565 NCP565D2TR4G NCP565D2 |
1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5A Adjustable Low Dropout Linear Regulator with Fast Transient Response
|
ONSEMI[ON Semiconductor]
|
NCP4685EMU30TCG NCP4682DMU12TCG NCP4682DMU30TCG NC |
(NCP4682 / NCP4685) Low Dropout Regulator 150 mA, Ultra Low Supply Current, Low Dropout Regulator
|
ON Semiconductor
|
ADP3331 ADP3331ART ADP3331ART-REEL7 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|