PART |
Description |
Maker |
SBF50P10-023L |
RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL
|
Sensitron Semiconductor
|
OM60N10S OM60N10SC OM75N06SC OM75N06SA OM55N10SC O |
LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE 60V Single N-Channel Hi-Rel MOSFET in a D3 package 50V Single N-Channel Hi-Rel MOSFET in a D3 package LOW VOLTAGE LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE 100V Single N-Channel Hi-Rel MOSFET in a TO-258AA package 50V, P-Channel, Power MOSFET(50V,P沟道功率MOS场效应管)
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Omnirel International Rectifier
|
SHDCG225701 SHD225701 |
LOW RDS HERMETIC POWER MOSFET - N-CHANNEL 90 A, 100 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Sensitron Semiconductor SENSITRON[Sensitron]
|
IRF1407L IRF1407S IRF1407STRR |
75V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss = 75V, Rds(on) = 0.0078з, Id = 100A?) Power MOSFET(Vdss = 75V, Rds(on) = 0.0078, Id = 100A) Power MOSFET(Vdss = 75V/ Rds(on) = 0.0078/ Id = 100A) TRANSISTOR | MOSFET | N-CHANNEL | 75V V(BR)DSS | 100A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 75V的五(巴西)直| 100号A(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF3808L IRF3808S RF3808S |
75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package AUTOMOTIVE MOSFET Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A?) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A) Power MOSFET(Vdss=75V/ Rds(on)=0.007ohm/ Id=106A) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A 功率MOSFET(减振钢板基本\u003d 75V的,的Rdson)\u003d 0.007ohm,身份证\u003d 106A章?
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFR2905ZPBF IRFU2905ZPBF |
HEXFET? Power MOSFET ( VDSS = 55V , RDS(on) = 14.5mΩ , ID = 42A ) HEXFET垄莽 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m楼? , ID = 42A ) HEXFET㈢ Power MOSFET ( VDSS = 55V , RDS(on) = 14.5mヘ , ID = 42A )
|
International Rectifier
|
IRFR3709ZPBF IRFU3709ZPBF IRFR3709ZTRR IRFR3709ZTR |
30 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5mヘ , Qg = 17nC ) HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5mΩ , Qg = 17nC ) High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
GFC234 |
N Channel Power MOSFET with low RDS(ON)
|
Gunter Seniconductor GmbH.
|
IRLI530G IRLI530GPBF |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16惟 , ID=9.7A ) HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16Ω , ID=9.7A )
|
International Rectifier
|
IRHYK57133CMSE IRHYK57133CMSEPBF |
20 A, 130 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET HERMETIC SEALED, TO-257AA, 3 PIN RADIATION HARDENED POWER MOSFET SURFACE MOUNT (Low-Ohmic TO-257AA)
|
International Rectifier, Corp. Integrated Device Technology, Inc. IRF[International Rectifier]
|