PART |
Description |
Maker |
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
20MT120UF 20MT120UFPBF |
40 A, 1200 V, N-CHANNEL IGBT MTP, 18 PIN UltraFast NPT IGBT 1200V UltraFast 10-30 kHz Full-Bridge IGBT in a MTP package
|
Vishay Semiconductors IRF[International Rectifier]
|
AM29841A/BKA AM29841A/B3A AM29843PC AM29843ALC AM2 |
600V Low-Vceon Copack IGBT in a TO-220 FullPak package; Similar to IRGIB7B60KD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package; A IRGS10B60KD with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRG4BC15UD-L with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; A IRGSL6B60KD with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRGSL15B60KD with Lead Free Packaging 1200V UltraFast 4-20 kHz CoPack IGBT in a TO-274AA package; Similar to IRG4PSH71UD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package; A IRGS6B60KD with Standard Packaging 600V Warp2 150kHz Copack IGBT in a TO-247AC package; A IRGP50B60PD1 with Standard Packaging 600V UltraFast Copack Trench IGBT in a TO-247AD package with Ultra-Low VF Diode for Induction Heating and Soft Switching Apps; A IRGP4068D-EPBF with Standard Packaging 600V HyperFast 1-8 kHz Co-Pack IGBT in a D2-Pak package; A IRG4BC30FD-S with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; A IRG4BC15UD-L with Standard Packaging 600V Low-Vceon Non Punch Through Copack IGBT in a D2-Pak package; A IRGS4B60KD1 with Standard Packaging 1200V UltraFast 5-40 kHz Copack IGBT in a TO-247AD package; Similar to IRG4PH40UD2-E with Lead Free Packaging 10位D型锁存器 600V UltraFast 8-25 kHz Copack IGBT in a D-Pak package; Similar to IRG4RC10KD with Lead Free Packaging 9位D型锁存器 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package; A IRGB6B60KD with Standard Packaging 9位D型锁存器
|
Duracell TT electronics Semelab, Ltd. NXP Semiconductors N.V.
|
CPV362M4K |
600V UltraFast 8-25 kHz 3-Phase Bridge IGBT in a IMS-2 package Short Circuit Rated UltraFast IGBT
|
IRF[International Rectifier]
|
IRG4BC10K IRG4BC10KPBF |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package Short Circuit Rated UltraFast IGBT
|
International Rectifier
|
IRG4BC15UD-L IRG4BC15UD-S |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A) 绝缘栅双极型晶体管,超快软恢复二极管VCES和\u003d 600V电压的Vce(on)典\u003d 2.02V,@和VGE \u003d 15V的,集成电路\u003d 7.8A 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4IBC10UDPBF |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE UltraFast Co-Pack IGBT
|
International Rectifier
|
IRG4RC10KD IRG4RC10 IRG4RC10KDTRR |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 5A I(C) | TO-252AA 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 5A条一(c)|52AA INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Copack IGBT in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4ZH71KD |
Surface Mountable Short Circuit Rated UltraFast IGBT (INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE)
|
IRF[International Rectifier]
|
CPU165MK |
IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
|
IRF[International Rectifier]
|
20MT120UF |
FULL-BRIDGE IGBT MTP UltraFast NPT IGBT
|
International Rectifier
|