PART |
Description |
Maker |
2N5086TFR |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BCP51 |
PNP Epitaxial Silicon Transistor; Package: SOT-223; No of Pins: 4; Container: Tape & Reel PNP General Purpose Amplifier
|
FAIRCHILD SEMICONDUCTOR CORP
|
BC860AMTF BC857AMTF BC860BMTF |
PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Microsemi, Corp. Fairchild Semiconductor
|
KSA812GAMTF |
PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
BC636BU09 BC636TF |
Switching and Amplifier Applications PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2N5153 2N5151 |
5 AMP HIGH SPEED PNP TRANSISTOR
|
SSDI[Solid States Devices, Inc]
|
SFT5333 |
2 AMP 100 VOLTS HIGH SPEED PNP TRANSISTOR
|
SOLID STATE DEVICES INC
|
SFT5001 |
5 AMP HIGH SPEED PNP TRANSISTOR 150 VOLTS
|
SSDI[Solid States Devices, Inc]
|
KSH117TF KSH117ITU |
PNP Silicon Darlington Transistor; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-252 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-251 IPAK-3
|
Fairchild Semiconductor, Corp.
|
NTE2411 |
Silicon PNP Transistor High Voltage Amp/Driver (Compl to NTE2410)
|
NTE[NTE Electronics]
|
EM4-DINAV53 EM4-DINAV13ADR EM4-DINAV13AOR EM4-DINA |
Energy Management Energy Meter with plug-in Output Modules 能源管理电能表与插件输出模块
|
Electronic Theatre Controls, Inc.
|
2SA1575 2SC4080 2SC4080C 2SA1575C 2SA1575D 2SC4080 |
晶体管|晶体管|进步党| 200伏五(巴西)总裁| 100mA的一(c)|36VAR TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 200MA I(C) | SOT-89 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 100MA I(C) | TO-236VAR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits High-Frequency Amp, Wide-Band Amp Applications High-Frequency Amp/ Wide-Band Amp Applications
|
SANYO[Sanyo Semicon Device]
|