PART |
Description |
Maker |
SFT3303 |
5 AMP PNP HIGH SPEED POWER TRANSISTOR 120 VOLTS
|
Solid States Devices, Inc
|
SFT3997 |
10 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
|
SSDI[Solid States Devices, Inc]
|
SPT5330 |
30 AMP HIGH SPEED PNP TRANSISTOR 150 VOLTS 30 A, 90 V, PNP, Si, POWER TRANSISTOR, TO-61
|
NXP Semiconductors N.V. SSDI[Solid States Devices, Inc]
|
SFT5553A/G |
5 AMP 100 Volts PNP Power Transistor
|
Solid States Devices, Inc.
|
IDT7130SA20PF IDT7130SA25PF IDT7130SA IDT7130SA25C |
Dual Integrated Solenoid Driver; Package: MLP 8x12; No of Pins: 18; Container: Tape & Reel 30V N-Channel PowerTrench SyncFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CQFP48 Single P-Channel Logic Level PowerTrench MOSFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 Single P-Channel Logic Level PowerTrench MOSFET 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQFP48 Asynchronous Communications Element With Autoflow Control 48-LQFP 0 to 70 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|
SFT1001 |
100AMP HIGH SPEED PNP TRANSISTOR 250 VOLTS
|
SSDI[Solid States Devices, Inc]
|
SPT5006 SPT5006MDB SPT5006MDBS SPT5006MDBTX SPT500 |
10 AMPS 100 Volts High Power - High Speed NPN Transistors
|
Solid States Devices, Inc
|
SFT5004JUB SFT5002 SFT5002_59 SFT5002J SFT5002JDB |
10 AMP 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
|
SSDI[Solid States Devices, Inc]
|
2N5153 2N5151 |
5 AMP HIGH SPEED PNP TRANSISTOR
|
SSDI[Solid States Devices, Inc]
|
CMSH2-20-1 CMSH2-40 CMSH2-100 CMSH2-60 CMSH2-20 |
SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20 THRU 100 VOLTS 2 A, 100 V, SILICON, RECTIFIER DIODE SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20 THRU 100 VOLTS 肖特基整.0安培0100伏特
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
SS210 SS210-TP SS22-TP SS25-TP SS28-TP |
Lead Free Finish/Rohs Compliant (Note1) (PSuffix designates Compliant. See ordering information) 2 Amp Schottky Rectifier 20 to 100 Volts 2 Amp Schottky Rectifier 20 to 100 Volts
|
Micro Commercial Components Micro Commercial Compon...
|