PART |
Description |
Maker |
SPT5502 SPT5503 |
1 AMP HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
|
Solid States Devices, Inc
|
SFT3997 |
10 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
|
SSDI[Solid States Devices, Inc]
|
SFT6340 SFT6341 SFT6338 SFT6339 |
25 AMP 100 - 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
|
SSDI[Solid States Devices, Inc]
|
LT102801 LT1028ACH LT1028ACJ8 LT1028ACN8 LT1028AMH |
Ultra Low Noise Precision High Speed Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 80 uV OFFSET-MAX, 75 MHz BAND WIDTH, PDIP8 Ultralow Noise Precision High Speed Op Amps
|
Linear Technology, Corp.
|
PMD25K200 PMD25K120 |
TRANSISTOR | BJT | DARLINGTON | NPN | 200V V(BR)CEO | 9A I(C) | TO-3 晶体管|晶体管|达林顿| npn型| 200伏五(巴西)总裁| 9A条一(c)| High Speed, High Voltage High Side Gate Driver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 晶体管|晶体管|达林顿| npn型| 120伏特五(巴西)总裁| 9A条一(c)|
|
DB Lectro, Inc. STMicroelectronics N.V.
|
EDI8F3265C20MZC EDI8F3265C20MMC |
High Speed, Dual Channel Power MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块
|
TE Connectivity, Ltd.
|
BC847AF BC847BF BC847CF BC847F BC848BF BC846BF BC8 |
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-PDIP -55 to 125 High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register 16-PDIP -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flop with Reset 16-SOIC -55 to 125 NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BC848CW BC846W-BC850W BC848AW Q62702-C2306 Q62702- |
High Speed CMOS Logic Dual 4-Input AND Gate 14-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counters with Asynchronous Reset 16-PDIP -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Hex D-Type Flip-Flop with Reset 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
OP42 OP-42GS OP-42 OP-42AJ OP-42ARC_883 OP-42AZ OP |
High Speed, Fast Setting Precision Operational Amplifier High Speed, Fast Settling Precision Operational Amplitier High Speed, Fast Settling Precision Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: TBD OP-AMP, 6000 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 High Speed, Fast Settling Precision Operational Amplifier; Package: LCC; No of Pins: 20; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed, Fast Settling Precision Operational Amplifier; Package: CerDIP; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CDIP8 High Speed, Fast Settling Precision Operational Amplifier; Package: Header; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, MBCY8 HIGH SPEED / FAST SETTLING PRECISION OPERATIONAL AMPLIFIER ER 8C 8#12 PIN RECP WALL OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed Fast Settling Precision Operational Amplifier(596.41 k) 高速精密快速沉降运算放大器96.41十一
|
Analog Devices, Inc. AD[Analog Devices]
|
AD8045ACP-R2 AD8045ARDZ-REEL7 AD8045ARD-REEL AD804 |
3 nV/Hz Ultralow Distortion, High Speed Op Amp OP-AMP, 1000 uV OFFSET-MAX, PDSO8 3 nV/Hz Ultralow Distortion, High Speed Op Amp OP-AMP, 1000 uV OFFSET-MAX, DSO8
|
Analog Devices, Inc.
|