PART |
Description |
Maker |
SFF75N08Z |
55 AMP (note 1) /75 Volts 8.5 mO N-Channel Trench Gate MOSFET
|
SOLID STATE DEVICES INC
|
INITIALTIMERPERIOD |
EM56/57 - Speech & Music Synthesizer - Application Note - Application Note EM56/57 - Speech & Music Synthesizer - Application Note - Application Note EM56/57 -语音
|
Vishay Intertechnology, Inc.
|
QR3310001 |
Fast Recovery Diode Module (100 Amp/3300 Volts) 快速恢复二极管模块00 Amp/3300伏特
|
Powerex, Inc.
|
QRF1430T30 QRC1430T30 QR1430T30 QRD1430T30 |
Fast Recovery Diode Module (300 Amp/1400 Volts) 快速恢复二极管模块00 Amp/1400伏特
|
http:// POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
MGSF2N02E MGSF2N02ELT1 MGSF2N02ELT1G MGSF2N02ELT3 |
2.8 Amps, 20 Volts, N−Channel SOT−23 2.8 A, 20 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-236AB 2.8 Amps, 20 Volts, N-Channel SOT-23 2.8 Amps, 20 Volts, N−Channel SOT−23 Power MOSFET 2.8 Amps, 20 Volts
|
ONSEMI[ON Semiconductor]
|
CS218I-50M CS218I-50P CS218I-50B CS218I-50PB CS218 |
ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 600 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1000 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 800 V, SCR, TO-218
|
Central Semiconductor, Corp.
|
MXP1005 |
Solar Array Diode; Package: SEE_FACTORY; IO (A): 2.25; Cj (pF): 600; Vrwm (V): 120; VF (V): 0.84; TSTG/Top (ºC): 200; Tj (ºC): 150; IR (µA): 10; 2.25 A, 120 V, SILICON, RECTIFIER DIODE Photovoltaic By-Pass Diode 120 Volts, 2.25 Amps
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MLD2N06CLT4 MLD2N06CLT4G MLD2N06CL MLD2N06CLG |
SMARTDISCRETES TM MOSFET 2 Amp, 62 Volts, Logic Level N−Channel DPAK SMARTDISCRETES MOSFET 2 Amp, 62 Volts, Logic Level N Channel DPAK(智能MOSFET)
|
http:// ONSEMI[ON Semiconductor]
|
SDB105 SDB107 SDB101 SDB104 SDB106 SDB103 SDB102 |
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts 1 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE (SDB101 - SDB107) 1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|
SPP06N80C3 SPA06N80C3 |
for lowest Conduction Losses & fastest SwitchingPlease note: Infineon has changed the CoolMOS 800V C2 marking to C3. 800V C2 ... Cool MOS Power Transistor Cool MOS⑩ Power Transistor
|
INFINEON[Infineon Technologies AG]
|
CS220-12P CS220-12B CS220-12D CS220-12M CS220-12N |
SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 1000 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP/ 200 THRU 1000 VOLTS
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|