PART |
Description |
Maker |
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
FQB34N20L FQI34N20L FQB34N20LTMSB82076 FQB34N20LTM |
200V LOGIC N-Channel MOSFET 31 A, 200 V, 0.08 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 200V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDD5810 FDD581007 FDD5810-F085 |
N-Channel Logic Level Trench MOSFET 60V, 36A, 27mOhm N-Channel Logic Level Trench㈢ MOSFET N-Channel Logic Level Trench? MOSFET
|
Fairchild Semiconductor
|
FQB33N10L FQI33N10L FQB33N10LTM |
100V LOGIC N-Channel MOSFET 100V N-Channel Logic Level QFET 100 LOGIC N-Channel MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
NTP27N06L-D NTB27N06L NTP27N06L |
Power MOSFET 27Amps, 60 Volts,Logic Level N-Channel TO-220(27A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 27 A, 60 V, 0.048 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 27 Amps, 60 Volts, Logic Level N-Channel TO-220 and D2PAK
|
ITT, Corp. ON Semiconductor
|
NTP22N06L NTB22N06L NTP22N06L-D |
Power MOSFET 22 Amps, 60 Volts, Logic Level N-Channel TO-220 and D 2 PAK Power MOSFET 22Amps, 60 Volts,Logic Level N-Channel TO-220(22A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 22 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ON Semiconductor
|
PHD16N03LT |
N-channel TrenchMOS?/a> logic level FET N-channel Trenchmos (tm) logic level FET N-channel TrenchMOS⑩ logic level FET From old datasheet system N-channel TrenchMOSlogic level FET 16 A, 30 V, 0.067 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
HUFA76407DK8T HUFA76407DK8 |
3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 3800 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA 3.5A/ 60V/ 0.105 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET 3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFETPower MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HUF76633S3S HUF76633P3 FN4693 HUF76633P3T |
TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 38A I(D) | TO-220AB 38A, 100V, 0.036 Ohm, N-Channel, Logic 38A, 100V, 0.036 Ohm, N-Channel, Logic From old datasheet system 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
FDU6612A FDD6612 FDD6612A FDD6612ANL |
N-Channel, Logic Level, PowerTrench⑩ MOSFET N-Channel, Logic Level, PowerTrench MOSFET 30V N-Channel PowerTrench MOSFET N-Channel/ Logic Level/ PowerTrench MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDC658P |
Single P-Channel/ Logic Level/ PowerTrenchTM MOSFET Single P-Channel, Logic Level, PowerTrenchTM MOSFET 4000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
SUP40N06-25L SUB40N06-25L |
N-Channel Enhancement-Mode MOSFETs, Logic Level N-Channel 60-V (D-S), 175 Degrees Celcious MOSFET, Logic Level
|
VISAY[Vishay Siliconix]
|
|