PART |
Description |
Maker |
2N5076 2N5077 |
3 A, 250 V, NPN, Si, POWER TRANSISTOR
|
MICROSEMI CORP-LAWRENCE
|
BUV62 |
40 A, 250 V, NPN, Si, POWER TRANSISTOR, TO-3
|
STMICROELECTRONICS
|
TIP49 TIP50 TIP47 TIP48 |
POWER TRANSISTORS(1.0A250-400V40W) POWER TRANSISTORS(1.0A/250-400V/40W) POWER TRANSISTORS(1.0A,250-400V,40W) 功率晶体管(安培,250 -00V,功0W
|
MOSPEC[Mospec Semiconductor] Mospec Semiconductor, Corp.
|
BFT25_CNV_2 BFT25/T1 BFT25-15 BFT25-2015 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) From old datasheet system NPN 2 GHz wideband transistor
|
Quanzhou Jinmei Electro...
|
BUV20 BUV20_D ON0256 |
From old datasheet system 50 AMPERES NPN SILICON POWER METAL TRANSISTOR 125 VOLTS 250 WATTS
|
MOTOROLA[Motorola, Inc] ON Semi
|
MJ15023 MJ15025 ON1984 |
16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS From old datasheet system
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
2SD2017 |
Silicon NPN Triple Diffused Planar Transistor(Darlington)(硅NPN三倍扩散平面达林顿晶体 6 A, 250 V, NPN, Si, POWER TRANSISTOR Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2N6836 MJ15001 MJ4031 MJ15025 |
European Master Selection Guide 1986 15 A, 140 V, NPN, Si, POWER TRANSISTOR 16 A, 80 V, PNP, Si, POWER TRANSISTOR 16 A, 250 V, PNP, Si, POWER TRANSISTOR
|
Motorola AMERICAN MICROSEMICONDUCTOR INC
|
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
MTP9N25E MTP9N25 MTP9N25E-D |
TMOS POWER FET 9.0 AMPERES 250 VOLTS RDS(on) = 0.45 OHM 9 A, 250 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TMOS E-FET Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ON Semiconductor
|
TW13-D787-001 TW13-D783-001 SKYWORKSSOLUTIONSINC.- |
250 - 2700 MHz Linear, Low Current Power Amplifier Driver 250 - 2700 MHz的线性,低电流功率放大器驱动
|
TE Connectivity, Ltd. Skyworks Solutions, Inc.
|
2N2760 2N2761 2N2822 |
30 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-63 30 A, 250 V, NPN, Si, POWER TRANSISTOR, TO-63 25 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-63
|
|
|