PART |
Description |
Maker |
12713MS 12714MS |
1.27X1.27mm DUAL ROW BOX HEADER OF VARIOUS HEIGHT FOR BOARD TO BOARD SERIES
|
SUYIN USA, INC.
|
0751880005 75188-0005 |
2.00mm (.079) Pitch VHDM Lite-Series Board-to-Board Daughtercard Receptacle Assembly, Right Angle, 8-Row, Custom 75191
|
Molex Electronics Ltd.
|
0751870005 75187-0005 |
2.00mm (.079) Pitch VHDM Lite Series, Board-to-Board Daughtercard Receptacle Assembly 2.00mm (.079") Pitch VHDM Lite Series, Board-to-Board Daughtercard Receptacle Assembly
|
Molex Electronics Ltd.
|
0761348502 76134-8502 |
VHDM? H-Series Board-to-Board Backplane Header, 2.00mm (.079) Pitch, Vertical, 8-Row, Open Signal Module, 200 Circuits, Advance Mate Shield VHDM庐 H-Series Board-to-Board Backplane Header, 2.00mm (.079) Pitch, Vertical, 8-Row, Open Signal Module, 200 Circuits, Advance Mate Shield MOLEX Connector
|
Molex Electronics Ltd.
|
2-1318115-9 2-1318114-6 2-1318115-3 2-1318120-3 2- |
AMP Dynamic Series Connectors D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire) D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
|
Tyco Electronics
|
90325-9016 90325-9014 90325-9010 90325-7012 90325- |
Header; Number of Contacts:16; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:14; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:10; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12PS 1.27MM GOLD T/H 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm PF Hdr LoPro Polz Blk .76Au 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 6POS 1.27MM GOLD T/H 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
10-33-1031 |
Header; No. of Contacts:3; Pitch Spacing:5.08mm; No. of Rows:1; Series:SPOX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
53047-0310 |
Header; No. of Contacts:3; Pitch Spacing:1.25mm; No. of Rows:1; Series:53047; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
MTG7-001I-XBD00-WR-LBE7 XBD-WHITE-15 |
Cree XBD Series on Board
|
Marktech Corporate
|
1217566-1 |
TAB, FASTON, PC BOARD, 6.35 [.250] SERIES
|
Tyco Electronics
|
NRPS10 NRPF10 |
(NRP Series) PC Board Circuit Protectors
|
IDEC
|
|