PART |
Description |
Maker |
MBR30200CT MBR30100CT MBR30150CT |
30 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200 Volts
|
List of Unclassifed Manufacturers ETC[ETC]
|
CQ220-16 CQ220-16B CQ220-16D CQ220-16M CQ220-16N |
Leaded Thyristor TRIAC 16 AMP TRIAC 200 THRU 800 VOLTS 800 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 600 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 16安培可控00 7860 800伏特
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
MBR20045CT MBR20030CT MBR200100CT MBR20020CT MBR20 |
200 AMP RECTIFIER 20 TO 100 VOLTS SCHOTTKY BARRIER
|
MCC[Micro Commercial Components]
|
SDR9102P SDR9100N SDR9100P SDR9101N SDR9101P SDR91 |
120 AMP 100- 200 VOLTS 35 nsec HYPER FAST RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
SDR952CT_3 SDR951CT_3 SDR950CT_3 SDR950CT-3 SDR952 |
120 AMP 100 - 200 VOLTS 35 nsec HYPER FAST COMMONCATHODE CENTERTAP RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
MUR1010CT |
(MUR1010CT - MUR1020CT) 10 Amp Super Fast Gl ass Passivated Rectifier 100 to 200 Volts
|
MCC
|
CS48-35N CS48-35D CS48-35M CS48-35P CS48-35PB CS48 |
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 800 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 600 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1000 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 400 V, SCR, TO-48
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
MUR1010CT MUR1020CT |
TIP REPL SLOT SMD SOT-23 MX SER 10 Amp Super Fast Gl ass Passivated Rectifier 100 to 200 Volts
|
整流 MCC[Micro Commercial Components]
|
CS218I-50M CS218I-50P CS218I-50B CS218I-50PB CS218 |
ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 600 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1000 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 800 V, SCR, TO-218
|
Central Semiconductor, Corp.
|
CS3-16N CS3-16D CS3-16M |
SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS 16 A, 800 V, SCR, TO-3 SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS 16 A, 400 V, SCR, TO-3 SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS 16 A, 600 V, SCR, TO-3
|
Central Semiconductor, Corp.
|
SS210 SS210-TP SS22-TP SS25-TP SS28-TP |
Lead Free Finish/Rohs Compliant (Note1) (PSuffix designates Compliant. See ordering information) 2 Amp Schottky Rectifier 20 to 100 Volts 2 Amp Schottky Rectifier 20 to 100 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
SPD56151 SPD5615SMS SPD5617S |
1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE 1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER 1 A, 400 V, SILICON, SIGNAL DIODE
|
http:// Solid State Devices, Inc.
|