PART |
Description |
Maker |
WP05R WP05R24D05 WP05R24D12 WP05R24D15 WP05R24S03 |
5 Watt Regulated Small Package DC/DC Converter 5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 1A 20V 22A-Ifsm 0.36Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 33A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 20V 40A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 75A-Ifsm 0.45Vf 0.2A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 60V 50A-Ifsm 0.5Vf 0.1A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
MQ-WXXX MQ-W MQ-W20 MQ-W20A-DC12-24V MQ-W20A-DC12- |
Triple Beam Trigonometric Area Reflective Photoelectric Sensors 三角区的三束反射光电传感 RECTIFIER SCHOTTKY SINGLE 5A 60V 175A-ifsm 0.7V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 5A 50V 175A-ifsm 0.7V-vf 0.5mA-ir TO220AC 50/TUBE
|
Electronic Theatre Controls, Inc. SunX ETC[ETC] List of Unclassifed Manufacturers
|
B250-13-F B250A-13-F |
RECTIFIER SCHOTTKY SINGLE 2A 50V 50A-Ifsm 0.7Vf 0.5A-IR SMB 3K/REEL 2 A, 50 V, SILICON, RECTIFIER DIODE RECTIFIER SCHOTTKY SINGLE 2A 50V 50A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 2 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes, Inc.
|
CSHD5-25L |
SCHOTTKY RECTIFIER SINGLE, 5.0 AMPS, 25 VOLTS LOW FORWARD VOLTAGE DROP 5 A, 25 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor, Corp.
|
CSHD3-100 |
SCHOTTKY RECTIFIER SINGLE/ 3.0 AMPS/ 100 VOLTS HIGH VOLTAGE SCHOTTKY RECTIFIER SINGLE, 3.0 AMPS, 100 VOLTS HIGH VOLTAGE 3 A, 100 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
MBRS540T3 MBRS540T3G |
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE 5A 40V Schottky rectifier in SMC
|
ONSEMI[ON Semiconductor]
|
SSR1045G SSR1045G1 |
10 AMPS 45 VOLTS SCHOTTKY RECTIFER 10 A, 45 V, SILICON, RECTIFIER DIODE SURFACE MOUNT SCHOTTKY RECTIFIER
|
Solid State Devices, Inc. Solid States Devices, Inc
|
MBR230LSFT1 MBR230LSFT1G |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
|
ON Semiconductor
|
MBR130 MBR130T1 MBR130T3 MBR130T1-D |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
|
ONSEMI[ON Semiconductor]
|
SB02-15 |
150V, 200mA Rectifier(用于高频整流应用的重复反向电50V,平均整流电00mA 整流 Small signal(single type) Schottky Barrier Diode 150V/ 200mA Rectifier
|
Sanyo Electric Co.,Ltd. Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|