PART |
Description |
Maker |
UES803 BYW78-100 BYW78-150 BYW78-50 UES801 UES802 |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:74 x 38; Jacket Material:Polyvinylchloride (PVC); Features:Flexible; Temperature Max:90 C; Voltage Nom.:600V Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:74 x 38; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes RECTIFIERS
|
MICROSEMI[Microsemi Corporation]
|
M48T212Y-85MH6 M48T212Y-85MH1TR M48T212Y-70MH1 M48 |
Shielded Multiconductor Cable; Number of Conductors:7; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:7; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Temperature Max:80 C RoHS Compliant: Yes 5V/3.3V TIMEKEEPER[ CONTROLLER 5V/3.3V计时[控制
|
意法半导 STMicroelectronics N.V.
|
BYT77 BYT78 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Temperature Max:105 C RoHS Compliant: Yes FAST SILICON MESA RECTIFIERS From old datasheet system
|
Vishay Telefunken Vishay Intertechnology,Inc. Vishay Siliconix
|
CYWUSB6934-48LFXC CYWUSB6932 CYWUSB6932-48LFXC |
WirelessUSB LS 2.4-GHz DSSS Radio SoC Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes
|
Cypress Semiconductor Corp.
|
YT5166 |
Low-Smoke Zero-Halogen (LSZH) Shipboard Audio, Control & Instrumentation Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22 YT5166 From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
BYW99W200 BYW99P200 BYW99P-200 BYW99 BYW99P BYW99P |
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:42pF/ft RoHS Compliant: Yes 高效快速恢复整流二极管 Sound/Security Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:70pF/ft RoHS Compliant: Yes 高效快速恢复整流二极管
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. SGS Thomson Microelectronics
|
HA-4741/883 HA4-4741/883 |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Approval Bodies:NEC; Conductor Material:Copper RoHS Compliant: Yes 四路运算放大 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Jacket Color:Red RoHS Compliant: Yes Op Amp, Quad 3.5MHz, 883 Compliant
|
Intersil, Corp. Intersil Corporation
|
BYW27-800 BYW27-100 BYW27-200 BYW27-400 BYW27-50 B |
SILICON RECTIFIERS Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Leaded Process Compatible:Yes; Capacitance:13pF/ft RoHS Compliant: Yes Paired Cable; Number of Conductors:1; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Capacitance:13pF/ft; Conductor Material:Copper; Impedance:110ohm RoHS Compliant: Yes
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
24C512 AT24C512 AT24C512-10PC AT24C512-10PC-1.8 AT |
Quadruple 2-Input Positive-OR Gates 14-TVSOP -40 to 85 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PBGA8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 CABLE 9539, 9CORE, PER M; Cores, No. of:9; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:6.2mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Approval Bodies:CSA, SRPVC, UL RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes 320 x 240 pixel format, LED or CFL Backlight 2-wireSerialEEPROM
|
Atmel, Corp. PROM Atmel Corp. ATMELCorporation ATMEL[ATMEL Corporation]
|
M29W641DH12ZA1E M29W641DH12ZA1F M29W641DH12ZA6E M2 |
4M X 16 FLASH 3V PROM, 70 ns, PDSO48 Low-Power Single Bus Buffer Gate with 3-State Output 5-SC70 -40 to 85 64兆位4Mb的x16插槽,统一3V电源快闪记忆 64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,统一3V电源快闪记忆 64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,统一V电源快闪记忆 Low-Power Single 2-Input Positive-AND Gate 5-SC70 -40 to 85 64兆位4Mb的x16插槽,统一V电源快闪记忆 Low-Power Single Schmitt-Trigger Buffer 5-SOT-23 -40 to 85 64兆位4Mb的x16插槽,统一V电源快闪记忆 Shielded Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Low-Power Single 2-Input Positive-AND Gate 5-SOT-23 -40 to 85 Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes 64 Mbit 4Mb x16 / Uniform Block 3V Supply Flash Memory Low-Power Single Buffer/Driver with Open-Drain Outputs 5-DSBGA -40 to 85
|
NUMONYX STMicroelectronics N.V. 意法半导 ST Microelectronics
|
AM27S31_B3A AM27S31_BUA AM27S31_BJA AM27S31 AM27S3 |
(512X8) Bipolar PROM 12X8)双极胎膜早 Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:56pF/ft RoHS Compliant: Yes
|
Advanced Micro Devices, Inc.
|