PART |
Description |
Maker |
SMBJ5935 SMBJ5919 SMBJ5917 SMBJ5936 SMBJ5955 SMBJ5 |
Silicon Zener Diode 3.0 Watt Zero-Voltage-Switching Constant Off-time Half-Bridge Controller; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47 6.8 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AA Low Power 3-44V Quad Channel Operational Amplifier; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 1A Source/ 2A Sink Single IGBT Gate Driver; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 Rail-to-Rail, 1.8-12V Quad Channel Operational Amplifier, Ta = -55 to 125°C; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 50kHz Multi-topology Burst-Mode Voltage-Mode Controller with 40V / 3A Switch ; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Up-to-100kHz Multi-topology Burst-Mode Voltage-Mode Controller with 40V / 1.5A Switch; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per 4.59V Voltage Detector with Active Low Open Collector Output , Qualified for 5V Systems, Ta= -40 to 125C, Pb Free Device; Package: Micro8 Single Voltage Supervisory for Over-Voltage and Under-Voltage Indications with 3 Modes Selection - PB Free; Package: Micro8™; No of Pins: 8
|
Micro Commercial Compon... Micro Commercial Components, Corp. Micro Commercial Components Corp.
|
SI-3240F SI-3120F SI-3150F SI-3090F SI-3050F SI-30 |
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type 24 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5 RELAYS; 10A 12-PIN DPDT 2 NO W/ CLIP 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5 Plug-In Relay; Contacts:6PST-4NO/2NC; Coil Voltage DC Max:24V; Contact Carry Current:10A; Coil Resistance:540ohm; Relay Options:Polycarbonage Covers; Relay Mounting:Plug-In; Leaded Process Compatible:No; Mounting Type:Plug In 5-Terminal/ Multi-Function/ Full-Mold/ Low Dropout Voltage Dropper Type 5-Terminal Multi-Function Full-Mold Low Dropout Voltage Dropper Type
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
RF3854PCBA-41X RF3854 |
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
|
RFMD[RF Micro Devices]
|
SKY77602 |
Multi-Band, Multi-Mode (3G) Power Amplifier Module w/ PA Distribution Switch
|
Skyworks Solutions Inc.
|
SKY77601 |
Multi-Mode Multi-Band Power Amplifier Module
|
Skyworks Solutions
|
TS39502CZ5C0 TS39500CMRN TS39500CZC0 TS3950008 TS3 |
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
|
Taiwan Semiconductor Company, Ltd
|
SSC-D1TW-J-006 SSC-20RS-P-006 SSC-RFM6-J-006 SC-RF |
MULTI MODE, DUPLEX SC CONNECTOR MULTI MODE, SIMPLEX SC CONNECTOR 62.5/125 um, MULTI MODE, SIMPLEX SC CONNECTOR 50/125 um, MULTI MODE, SIMPLEX SC CONNECTOR
|
METHODE ELECTRONICS INC
|
SP506 |
Multi-Protocol Serial Transceivers 5V / Single Chip WAN Multi-Mode Serial Transceiver
|
Sipex
|
SI-3050F SI-3090F SI-3.00F |
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type 5-Terminal/ Multi-Function/ Full-Mold/ Low Dropout Voltage Dropper Type
|
Sanken electric
|
SI-3000B SI-3157B SI-3025B SI-3.00B |
5-TERMINAL, MULTI-FUNCTION, FULL-MOLD, LOW DROPOUT VOLTAGE DROPPER TYPE 5-Terminal/ Multi-Function/ Full-Mold/ Low Dropout Voltage Dropper Type
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd.
|
EKI-2526M |
4 1 100FX Port Multi-Mode/Single Mode Unmanaged Industrial Ethernet Switch
|
Advantech Co., Ltd.
|
SI3050C SI3033C SI3090C |
(SI-3100C Series) 5-Terminal / Multi-Function / Full-Mold / Low Dropout Voltage Dropper Type
|
Allegro Microsystems
|