PART |
Description |
Maker |
2N3723 2N2787 2N706B/46 2N3409 2N5188 2N3728 |
30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 1A I(C) | TO-39 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 50MA I(C) | TO-46 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5
|
SEMICOA CORP
|
FCX688B FCX688BTA |
TRANSISTOR NPN 12V 3000MA SOT-89 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR
|
Zetex Semiconductor PLC Zetex Semiconductors
|
BFG520 BFG520_XR X BFG520_X BFG520XR BFG520/XR BFG |
NPN 9 GHz wideband transistor L BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN 9GHz wideband transistor(NPN 9G赫兹 宽带晶体
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
ZX5T851A ZX5T851ASTZ ZX5T851ASTOA |
NPN Med Power Transistor 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 4500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
2SB744 2SB744A 2SA1154 NTC2333 2SA1152 NTC2334 NTC |
TRANSISTOR|BJT|PNP|45VV(BR)CEO|3AI(C)|TO-126
TRANSISTOR|BJT|PNP|60VV(BR)CEO|3AI(C)|TO-126
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 300MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7A I(C) | TO-220 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 2A I(C) | TO-220 TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 7A I(C) | TO-220 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 300MA I(C) | TO-92 TRANSISTOR | BJT | DARLINGTON | NPN | 400V V(BR)CEO | 10A I(C) | TO-247VAR TRANSISTOR | BJT | NPN | 200MA I(C) | TO-226VAR TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 300MA I(C) | TO-92 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 2A I(C) | TO-220 晶体管|晶体管|叩| 400V五(巴西)总裁|甲一c)|20 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-220AB 晶体管|晶体管|叩| 60V的五(巴西)总裁| 5A条一(c)| TO - 220AB现有 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 500MA I(C) | TO-92 晶体管|晶体管|叩| 40V的五(巴西)总裁| 500mA的一(c)|2
|
NEC, Corp. Sullins Connector Solutions, Inc. Microchip Technology, Inc.
|
164-22 163-28 163-12 164-12 164-26 164-20 164-30 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管|叩| 160V五(巴西)总裁|甲一c)| STR-5/16 晶体管|晶体管| npn型| 120伏特五(巴西)总裁|甲一c)| STR-5/16 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管|叩| 40V的五(巴西)总裁|甲一(c)| STR-5/16 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管| npn型| 280伏特五(巴西)总裁|甲一(c)| STR-5/16
|
Ecliptek, Corp.
|
KTC1008 KTC1008GR KTC1008-15 |
EPITAXIAL PLANAR NPN TRANSISTOR General Purpose Transistor 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
KEC(Korea Electronics) Korea Electronics (KEC)
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
PBSS303ND PBSS303ND115 |
60 V, 3 A NPN low VCEsat (BISS) transistor 603安NPN低饱和压BISS)晶体 60 V, 3 A NPN low VCEsat (BISS) transistor; Package: SOT457 (SC-74); Container: Tape reel smd 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
|