PART |
Description |
Maker |
S5K437CX |
1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
|
Samsung semiconductor
|
LC9948G |
1/5 Optical Size CCIR B/W Solid-State Image Sensor 1 / 5光学尺寸无线电咨询委员会/黑白固态图像传感器
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
LC9946 |
1/6 Inch Optical Size EIA Black-and-White Solid-State Imaging Device
|
http:// SANYO[Sanyo Semicon Device]
|
LC9947G |
1/5 Inch Optical Size EIA Black-and-White Solid-State Imaging Device
|
SANYO[Sanyo Semicon Device]
|
ADL-65075SL ADL-65075SR ADL-65075SU |
Super slim DVD/Combo OPU Mini size optical modules laser sensor
|
Roithner LaserTechnik GmbH
|
291C4220F600AB 291C4220F600AA 291C4220F624AA 291C4 |
Precision, Long-life Compact 12mm Size Optical Encoder Precision, Long-life Compact 12mm Size Optical Encoder
|
CTS Corporation
|
G7881-21 G7881-22 G7881-23 G7881-32 G7881-44 G8339 |
Supply voltage:0.3-5.5V; InGaAs PIN photodiode with preamp: receptacle type, 1.3/1.55um, 156, 622Mbps/1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit enthernet, HDTV, SDH Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 20x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 6800uF; Voltage: 25V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 35x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 400V; Case Size: 20x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 400V; Case Size: 35x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 22x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 25x50 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 250V; Case Size: 30x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 FIBER OPTIC RECEIVER, 1250Mbps, PANEL MOUNT, LC CONNECTOR Aluminum Snap-In Capacitor; Capacitance: 68uF; Voltage: 400V; Case Size: 20x25 mm; Packaging: Bulk
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics K.K.
|
PS7113 PS7113-1A PS7113-2A PS7113L-1A PS7113L-1A-E |
Solid State Relay(固态继电器) 固态继电器(固态继电器 6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET 6引脚DIP50毫安的连续负载电通道2通道光学耦合场效应晶体管 Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Brown; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1061; CSA AWM; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1061; CSA AWM; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 6 / 8-PIN DIP / 350 mA CONTINUOUS LOAD CURRENT 1-ch / 2-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
SC2004G |
CHARACTER LCD MODULE display format: 20x4; module size: 98x60x8.8; viewing size: 77.0x26.3; character size: 2.95x4.75; dot size: 0.55x0.55; SC2004G (20 CHARACTERS x 4 LINES)
|
SUNLIKE ETC[ETC] List of Unclassifed Manufacturers
|
TM162E-G |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 16x2; module size: 64.2x27.6x2.0; viewing size: 60.2x16.6; character size: 4.85x2.95; dot size: 55.0x0.65; controller: SED1233DGB;
|
TIANMA Microelectronics
|
TM162I-G |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 16x2; module size: 66.0x27.7x2.0; viewing size: 61.0x15.7; character size: 5.15x2.95; dot size: 0.60x0.55; controller: KS0032;
|
TIANMA Microelectronics
|