PART |
Description |
Maker |
SMM0204 SMM0204HFMS1 SMM0204-MS1 OMM0204-MS1B0 OMM |
JUMPER, METAL FILM, 0 ohm, SURFACE MOUNT Metal Film, Cylindrical Resistors Metal Film/ Cylindrical Resistors Stable Metal Film on High Quality Ceramic, Force Fitted Steel Caps, Tin Plated on Nickel Barrier, Excellent Stability at Different Environmental Conditions, Reliable Solderable Terminations to Facilitate Surface Mounting
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
WSL4026 WSL40263L000FEA WSL40263L000FEK WSL40265L0 |
Power Metal Strip㈢ Resistors, Low Value, High Power, Surface Mount Power Metal Strip? Resistors, Low Value, High Power, Surface Mount Power Metal Strip庐 Resistors, Low Value, High Power, Surface Mount Power Metal Strip垄莽 Resistors, Low Value, High Power, Surface Mount
|
Vishay Siliconix
|
WSLP0805RDEA WSLP1206RDEA WSLP0805LFEA WSLP1206LFE |
Power Metal Strip㈢ Resistors, Very High Power (to 1 W) Low Value (down to 0.001 ヘ), Surface Mount Power Metal Strip垄莽 Resistors, Very High Power (to 1 W) Low Value (down to 0.001 楼?), Surface Mount Power Metal Strip庐 Resistors, Very High Power (to 1 W) Low Value (down to 0.001 惟), Surface Mount Power Metal Strip? Resistors, Very High Power (to 1 W) Low Value (down to 0.001 Ω), Surface Mount
|
Vishay Siliconix
|
WSLS2512 WSLS25125L000DGEA WSLS25125L000DGEK WSLS2 |
Improved Stability (0.25 % and 0.5 %), Power Metal Strip? Resistors Low Value (0.01 Ω to 0.1 Ω), Surface Mount Improved Stability (0.25 % and 0.5 %), Power Metal Strip庐 Resistors Low Value (0.01 惟 to 0.1 惟), Surface Mount Improved Stability (0.25 % and 0.5 %), Power Metal Strip垄莽 Resistors Low Value (0.01 楼? to 0.1 楼?), Surface Mount Improved Stability (0.25 % and 0.5 %), Power Metal Strip㈢ Resistors Low Value (0.01 ヘ to 0.1 ヘ), Surface Mount
|
Vishay Siliconix
|
WSL06035L000DBA18 WSL06035L000DEA18 WSL06035L000DE |
Power Metal Strip? Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 Ω), Surface Mount Power Metal Strip庐 Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 惟), Surface Mount Power Metal Strip垄莽 Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 楼?), Surface Mount Power Metal Strip㈢ Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 ヘ), Surface Mount
|
http:// Vishay Siliconix
|
VFP-4 Y073321K5000A0L Y073421K5000A0L Y073321K5000 |
Bulk Metal㈢ Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/∑C, Tolerance to 【 0.01 % and power up to 10 Watts Bulk Metal? Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts Bulk Metal庐 Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/掳C, Tolerance to 卤 0.01 % and power up to 10 Watts Bulk Metal垄莽 Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/隆?C, Tolerance to 隆戮 0.01 % and power up to 10 Watts
|
Vishay Siliconix
|
WSL3921LFEA WSL5931LFEA WSL5931 WSL5931L5000FEA WS |
Power Metal Strip? Resistors, Low Value (down to 0.0002 Ω), Surface Mount Power Metal Strip庐 Resistors, Low Value (down to 0.0002 惟), Surface Mount Power Metal Strip㈢ Resistors, Low Value (down to 0.0002 ヘ), Surface Mount
|
Vishay Siliconix
|
2200160 |
Mounting foot for 122 mm UM-PRO profiles for mounting on DIN rails
|
PHOENIX CONTACT
|
MCR25 |
Resistors > Rectangular Chip resistors Low ohmic resisitors : MCR10, etc.
|
ROHM
|
KTD2017 |
Low ON resistance 2.5V drive Mounting height 1.1mm Composite type, facilitating high-density mounting.
|
TY Semiconductor Co., Ltd
|
|