PART |
Description |
Maker |
TC0408A |
SAW Resonator 315 MHz TO-39
|
TAI-SAW TECHNOLOGY CO., LTD.
|
RO2073E-2 |
315.0 MHz SAW Resonator
|
RF Monolithics, Inc.
|
RO2073A-5 |
315.05 MHz SAW Resonator
|
RF Monolithics, Inc.
|
RO2073C |
315.0 MHz SAW Resonator
|
RFM[RF Monolithics, Inc]
|
FR0315M00-TD11 |
315 MHz SAW Resonator
|
List of Unclassifed Manufacturers ETC
|
FAR-C3CN-0 FAR-C3CN-20000-G01-R FAR-C3CN-20000-G11 |
QUARTZ CRYSTAL RESONATOR, 20 MHz Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 10 MHz Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 16 MHz Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 12 MHz Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 16.934 MHz Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 6 MHz Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 4 MHz Piezoelectric Resonator (4 to 20 MHz) 压电谐振器(40兆赫 Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 4.194 MHz Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-PDIP 0 to 70 QUARTZ CRYSTAL RESONATOR, 16 MHz Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 8 MHz Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 CAP 100PF 600V/630V 10% NP0(C0G) SMD-1206 TR-7 PLATED-NI/SN Rotary Keylock Switch; Contact Current Max:5A; No. of Poles:4; Indexing:57 ; Switch Terminals:Solder; No. of Switch Positions:2
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Media Devices Limited Fujitsu Microelectronics
|
SARCC315M00KXL0 |
1-PORT SAW RESONATOR, 315 MHz
|
MURATA MANUFACTURING CO LTD
|
TC0274A |
SAW Resonator 315 MHz SMD 3X3 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TC0368A |
SAW Resonator 315.5 MHz SMD 3.8X3.8 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
DRD270UC120 DRD347UC154 DRD347UH154 DRT105U030F046 |
DISC TYPE DIELECTRIC RESONATOR, 1980 MHz - 2140 MHz DISC TYPE DIELECTRIC RESONATOR, 1540 MHz - 1660 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 5080 MHz - 5510 MHz DISC TYPE DIELECTRIC RESONATOR, 3860 MHz - 4190 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 8910 MHz - 9680 MHz DISC TYPE DIELECTRIC RESONATOR, 1820 MHz - 1970 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 3270 MHz - 3540 MHz DISC TYPE DIELECTRIC RESONATOR, 3000 MHz - 3260 MHz DISC TYPE DIELECTRIC RESONATOR, 3270 MHz - 3540 MHz DISC TYPE DIELECTRIC RESONATOR, 4200 MHz - 4550 MHz
|
MURATA MANUFACTURING CO LTD
|
AS-47.920-S-3OT-3PIN-H30-TR AS-47.920-32-3OT-3PIN- |
QUARTZ CRYSTAL RESONATOR, 47.92 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 27 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 29 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 47.92 MHz ROHS COMPLIANT PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 56.448 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 56.448 MHz ROHS COMPLIANT PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 3.6864 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 28.63636 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 10.244 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 36 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 50.688 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 8.064 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 10.245 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 10.24 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 8.6436 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 11.2896 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 40.32 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 32.768 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 10 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 24.576 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 70 MHz ROHS COMPLIANT PACKAGE-3 QUARTZ CRYSTAL RESONATOR, 4.032 MHz QUARTZ CRYSTAL RESONATOR, 7.68 MHz QUARTZ CRYSTAL RESONATOR, 52.416 MHz
|
Raltron Electronics, Corp. RALTRON ELECTRONICS CORP
|
|