PART |
Description |
Maker |
RO2073C |
315.0 MHz SAW Resonator
|
RFM[RF Monolithics, Inc]
|
FR0315M00-TD11 |
315 MHz SAW Resonator
|
List of Unclassifed Manufacturers ETC
|
B39321-R901-H110 R901 |
Resonator 315,00 MHz
|
EPCOS
|
FAR-C3CN-0 FAR-C3CN-20000-G01-R FAR-C3CN-20000-G11 |
QUARTZ CRYSTAL RESONATOR, 20 MHz Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 10 MHz Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 16 MHz Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 12 MHz Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 16.934 MHz Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 6 MHz Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 4 MHz Piezoelectric Resonator (4 to 20 MHz) 压电谐振器(40兆赫 Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 4.194 MHz Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-PDIP 0 to 70 QUARTZ CRYSTAL RESONATOR, 16 MHz Piezoelectric Resonator (4 to 20 MHz) QUARTZ CRYSTAL RESONATOR, 8 MHz Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 CAP 100PF 600V/630V 10% NP0(C0G) SMD-1206 TR-7 PLATED-NI/SN Rotary Keylock Switch; Contact Current Max:5A; No. of Poles:4; Indexing:57 ; Switch Terminals:Solder; No. of Switch Positions:2
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Media Devices Limited Fujitsu Microelectronics
|
TC0223A |
SAW Resonator 315.15 MHz F11
|
TAI-SAW TECHNOLOGY CO., LTD.
|
SR315 |
315.00 MHz One-Port SAW Resonator
|
Vanlong Technology Co., Ltd. Vanlong Technology Co., Ltd...
|
TC0368A |
SAW Resonator 315.5 MHz SMD 3.8X3.8 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TC0255A |
SAW Resonator 315.15 MHz SMD 3.8X3.8 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
B39311-R771-U310 R771 |
Resonator 314,875 / 315,125 MHz
|
EPCOS AG
|
QEHC49-GW QEHC49H3110LT5016 QEHC49H3130LT5016 QEHC |
QUARTZ CRYSTAL RESONATOR, 8 MHz - 12.999 MHz ROHS COMPLIANT, SMD, 3PIN QUARTZ CRYSTAL RESONATOR, 5 MHz - 5.999 MHz QUARTZ CRYSTAL RESONATOR, 30 MHz - 79.999 MHz QUARTZ CRYSTAL RESONATOR, 3.5 MHz - 3.999 MHz QUARTZ CRYSTAL RESONATOR, 4 MHz - 4.999 MHz QUARTZ CRYSTAL RESONATOR, 2 MHz - 2.999 MHz QUARTZ CRYSTAL RESONATOR, 3 MHz - 3.499 MHz QUARTZ CRYSTAL RESONATOR, 6 MHz - 7.9999 MHz QUARTZ CRYSTAL RESONATOR, 1.8432 MHz - 1.999 MHz QUARTZ CRYSTAL RESONATOR, 80 MHz - 125 MHz HC49 Gull-Wing Crystal - SMD packaged
|
http:// Rakon France SAS TEMEX COMPONENTS
|
ECNT-20-30.000M-GA ECNT-20-30.000M-GTR ECNT-20-30. |
QUARTZ CRYSTAL RESONATOR, 7 MHz - 7.999 MHz QUARTZ CRYSTAL RESONATOR, 10 MHz - 12.999 MHz QUARTZ CRYSTAL RESONATOR, 3 MHz - 3.199 MHz QUARTZ CRYSTAL RESONATOR, 5 MHz - 5.999 MHz QUARTZ CRYSTAL RESONATOR, 8 MHz - 9.999 MHz QUARTZ CRYSTAL RESONATOR, 1.8432 MHz - 1.999 MHz QUARTZ CRYSTAL RESONATOR, 6 MHz - 6.999 MHz QUARTZ CRYSTAL RESONATOR, 4 MHz - 4.099 MHz QUARTZ CRYSTAL RESONATOR, 13 MHz - 32.768 MHz QUARTZ CRYSTAL RESONATOR, 30 MHz - 65 MHz QUARTZ CRYSTAL RESONATOR, 24 MHz - 29.999 MHz RESISTANCE WELD PACKAGE-2
|
Ecliptek, Corp. Ecliptek Corporation
|
PBRC-4.00GR PBRC-2.00JR PBRC-3.00JR PBRC-8.00GR03 |
Ceramic Resonator; Frequency:4MHz; Terminal Type:Nickel Barrier; Leaded Process Compatible:Yes; External Height:2mm; External Width:3.4mm; Lead Pitch:5mm; Mounting Type:Surface Mount; Operating Temp. Max:85 C CERAMIC RESONATOR, 4 MHz CERAMIC RESONATOR, 2 MHz CERAMIC RESONATOR, 3 MHz CERAMIC RESONATOR, 8 MHz
|
AVX, Corp. AVX CORP
|
|