PART |
Description |
Maker |
RMPA61810 |
6-18 GHz 1W Power Amp Single Channel 6-18 GHz 1 Watt Power Amplifier MMIC
|
FAIRCHILD[Fairchild Semiconductor]
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
MC33171DR2 MC33174VDR2 MC33172VD MC33172DR2G MC331 |
Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers(???婧??浣?????绠??澶у?) Single Supply 3V to 44V, Low Power Dual Op Amp Single Supply 3V to 44V, Low Power Quad Op Amp Single Supply 3V to 44V, Low Power Single Op Amp
|
ON Semiconductor
|
RFS1006 PRFS-1006-0007 PRFS-1006-0008 PRFS-1006-00 |
3.4-3.6 GHz Power Amplifier 3400 MHz - 3600 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 3.4-3.6 GHz Power Amplifier 3号至三月六日GHz功率放大 Single-band power amplifiers The RFS1006 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in a transmit applications in the 3.4-3.6 ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
LT6221CS8PBF LT6221CS8TR LT6221CDDPBF |
Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
LINEAR TECHNOLOGY CORP
|
EL2257CS-T7 EL2257 EL2257CN EL2257CS EL2257CS-T13 |
Op Amp, Video, Dual 125MHz, SR=275V/s, Low Power, Low Voltage, Single Supply, Clamping, 100mA Output, with High Speed Disable and Power-Down 125MHz Single Supply, Clamping Op Amp
|
INTERSIL[Intersil Corporation]
|
ELH0021CK |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R
|
|
2SC3570 2SC3570K 2SC3570L 2SC3570M |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体 BJT
NPN SILICON POWER TRANSISTOR
|
Motorola Mobility Holdings, Inc. NEC
|
UPB1502GR UPB1502GR1 UPB1502GR1-E1 UPB1502GR-E1 |
1.7 GHz/ 2.0 GHz LOW-POWER TWO-MODULUS PRESCALER DIVIDED-BY-64/65, 128/129 1.7千兆 2.0 GHz的低功耗双分频DIVIDED-BY-64/65,一百二十九分之一百二十八 1.7 GHz/ 2.0 GHz Low-Power Two-Modulus Prescaler(1.7GHz 2.0GHz 定标
|
NEC, Corp. NEC Corp.
|