PART |
Description |
Maker |
HA2-5137883 HA7-5137883 HA-5137_883 HA4-5137883 FN |
DIODE SCHOTTKY DUAL COMMON-CATHODE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL 60MHz/ Ultra Low Noise/ Precision Operational Amplifier 60MHz, Ultra Low Noise, Precision Operational Amplifier 60MHz Ultra Low Noise Precision Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
2SK117 E001317 |
From old datasheet system LOW NOISE AUDIO AMPLIFIER APPLICATONS N CHANNEL JUNCTIONS TYPE (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
|
Toshiba Semiconductor
|
MAX2650 MAX2650EUS-T |
DC-to-Microwave / 5V Low-Noise Amplifier DC-to-Microwave, 5V Low-Noise Amplifier 800 MHz - 1000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
EL2126CS-T EL2126CW-T EL2126CW-T7A EL2126CW-T7 EL2 |
Ultra-Low Noise/ Low Power/ Wideband Amplifier Op Amp, 100MHz Wideband, Ultra Low Noise 1.3nV/√Hz, Low Power, 2.5-15VDC Ultra-Low Noise Low Power Wideband Amplifier
|
INTERSIL[Intersil Corporation]
|
HS9-OP470ARH-Q HS-OP470AR HS-OP470ARH 5962R9853301 |
16 AMP SPDT MINIATURE POWER RELAY Radiation Hardened, Very Low Noise
Quad Operational Amplifier(抗辐射低噪声四路运算放大 Radiation Hardened, Very Low Noise Quad Operational Amplifier Radiation Hardened/ Very Low Noise Quad Operational Amplifier
|
Intersil Corporation
|
TGA4600-EPU |
60 GHz Low-Noise Amplifier 60GHz Low Noise Amplifier
|
TRIQUINT[TriQuint Semiconductor]
|
IDT70914S25PI IDT70914S25PB IDT70914S25P 70914_DS_ |
Low-Noise JFET-Input Operational Amplifier 14-PDIP 0 to 70 高6KK的9)同步双端口RAM High Speed Low-Noise JFET-Input Quad Operational Amplifier 14-CFP -55 to 125 4K X 9 DUAL-PORT SRAM, 25 ns, PQCC68 High Speed Low-Noise JFET-Input Quad Operational Amplifier 14-CDIP -55 to 125 4K X 9 MULTI-PORT SRAM, 25 ns, PQCC68 High Speed Low-Noise JFET-Input Quad Operational Amplifier 20-LCCC -55 to 125 HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM From old datasheet system
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
BGA428 |
BGA428 High Gain/ Low Noise Amplifier BGA428 High Gain Low Noise Amplifier Silicon MMICs - 19dB LNA, 1.4...2.5GHz, NF=1.4dB, 50Ohm, SOT363
|
INFINEON[Infineon Technologies AG]
|
5962R9569001VXC 5962R9569001V9A HS1-5104ARH/PROTO |
Op Amp, Quad 8MHz, Low Noise, Slew Rate 2V/s, Rad-Hard Radiation Hardened Low Noise Quad Operational Amplifier
|
http:// Intersil Corporation
|
CMLT5078E CMLT5087E CMLT5088E |
SMD Small Signal Transistor Dual PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN & PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN Low Noise Amplifier ENHANCED SPECIFICATION PICOmini SURFACE MOUNT SILICON DUAL TRANSISTORS
|
Central Semiconductor Corp
|