PART |
Description |
Maker |
LA-300 LA-310 LA-A1 LA-A1P LA-305 |
SENSORE A BARRIERA ANALOGICA LED
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] N.A.
|
LA-300 |
SENSORE A BARRIERA ANALOGICA LED
|
Sunx
|
MAL205154104E3 MAL205148103E3 MAL205158103E3 MAL20 |
Aluminum Capacitors Power Economic Printed Wiring
|
Vishay Siliconix
|
EC078ESCT103E4 EC078ESAU103E4 EC078CSAU103E4 EC078 |
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)
|
Vishay Siliconix
|
ECS78PSMBU502E4 ECS78RSMBU502E4 ECS78PBMBU502E4 EC |
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
|
Vishay Siliconix
|
PCI-1245E PCI-1245E-AE |
Economic DSP-based 4-axis Stepping and Servo Motor Control Universal PCI Card
|
Advantech Co., Ltd.
|
TDA9853 TDA9853H |
I2C-bus controlled economic BTSC stereo decoder and audio processor SPECIALTY CONSUMER CIRCUIT, PQFP44
|
NXP Semiconductors N.V.
|
ECO |
Precision Rotative Transducers, Conductive Plastic, Economic Series, Size 05-09-13, Reasonable Cost, Long Life, Bush or Servo Mounting, Rear Mounted Terminals
|
Vishay
|
ECSP101-017-5UF |
Series ECS Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
|
Vishay Sfernice
|
M95320-VBN1T M95640-VBN1T M95640-VBN3T M95640-VBN5 |
16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock RECTIFIER SBR DUAL 40A 100V 300A-ifsm 830mV-vf 0.5mA-ir TO-220AB 50/TUBE Low voltage PLL stereo decoder Octal Transparent D-Type Latches With 3-State Outputs 20-TSSOP -40 to 85 GreenChip SMPS controller IC RECTIFIER SBR DUAL 40A 100V 300A-ifsm 830mV-vf 0.5mA-ir TO-247 50/TUBE TV sound AM-demodulator and audio source switch 64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock 64/32/16/8千位串行SPI总线的EEPROM高速时 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit32Kbit SPI总线串行EEPROM的高速时 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit2Kbit SPI总线串行EEPROM的高速时 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-89 -40 to 85 64/32/16/8千位串行SPI总线的EEPROM高速时 Mains LED driver IC's 64/32/16/8千位串行SPI总线的EEPROM高速时 I2C-bus controlled economic BTSC stereo decoder and audio processor 64Kbit2Kbit SPI总线串行EEPROM的高速时 64 x 36 x 2 bidirectional synchronous FIFO memory 132-BQFP 0 to 70 64/32/16/8千位串行SPI总线的EEPROM高速时 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 85 4K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|