PART |
Description |
Maker |
PDB-C232 |
Blue Enhanced Linear Array Silicon Photodiode
|
List of Unclassifed Manufacturers ETC[ETC]
|
TCD1208AP E007584 TCD1208P |
TCD1208AP CCD (Charge Coupled Device) Linear Image Sensor LINEAR CCD IMAGE ARRAY,1 VERT PIXELS,2.16K HORIZ PIXELS,DIP From old datasheet system CCD LINEAR IMAGE SENSOR
|
Toshiba Corporation Toshiba. Toshiba Semiconductor
|
TSL201CL |
64 1 LINEAR SENSOR ARRAY
|
ams AG
|
TSL2014 |
896X1 LINEAR SENSOR ARRAY
|
ams AG
|
S4111-35Q S4111-16Q S4111-16R S4111-46Q S4114-35Q |
Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR
|
Hamamatsu Corporation
|
TSL2014 |
896 x 1 linear sensor array. Operation to 5 MHz. Single 5V supply.
|
TAOS
|
TSL1301 |
102 x 1 linear sensor array with hold. Operation to 2 MHz. Single 5V supply.
|
TAOS
|
TCD1304AP |
CCD LINEAR IMAGE SENSOR The TCD1252AP is a high sensitive and low dark current 3648 - elements linear image sensor.
|
TOSHIBA
|
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
LSM330DLTR |
Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
|
STMicroelectronics
|