PART |
Description |
Maker |
74FR25900SSC 74FR25900 74FR25900SSCX |
20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor FR/FASTR SERIES, MULTIPLEXER, PDSO48 From old datasheet system 9-Bit, 3-Port Latchable Datapath Multiplexer with 25W Output Series Resistors 9-Bit, 3-Port Latchable Datapath Multiplexer with 25-Ohm Output Series Resistors 9-Bit / 3-Port Latchable Datapath Multiplexer with 25W Output Series Resistors 9-Bit 3-Port Latchable Datapath Multiplexer with 25 Ohm Output Series Resistors
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
DS2465P DS246513 DS2465PT MAX7327AEG MAX7327ATG MA |
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os 4 I/O, PIA-GENERAL PURPOSE, PDSO24 I<sup>2</sup>C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os 4 I/O, PIA-GENERAL PURPOSE, QCC24 2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection 16 I/O, PIA-GENERAL PURPOSE, PDSO24 I<sup>2</sup>C Port Expanders with Eight I/O Ports 8 I/O, PIA-GENERAL PURPOSE, PDSO16 I<sup>2</sup>C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os 16-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, QCC44 16-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, QCC32
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
PCA9558PW |
PCA9558; 8-bit I²C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I²C EEPROM DIP switch and 2-kbit EEPROM
|
Philips
|
LVT162245 74LVT162245 74LVT162245G 74LVT162245MEA |
Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs LVT SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25? Series Resistors in A Port Outputs Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PI5C3244 PI5C3244L PI5C3244LE PI5C3244Q PI5C3244QE |
8-Bit, 2-Port Switch 8位,2端口交换 8-Bit/ 2-Port Switch
|
Pericom Semiconductor, Corp. PERICOM[Pericom Semiconductor Corporation] Pericom Technology
|
KSZ8851-16MLL KSZ8851-16MLLI |
Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
|
Micrel Semiconductor
|
MSM6351L MSM6351 MSM6351_MSM6351L |
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller From old datasheet system
|
OKI
|
640-980.0M 640-310.0M 640-384.05M 640-315.0M 640-3 |
One-Port 180隆? SAW One-Port 180掳 SAW One-Port 180° SAW Quartz Stability
|
Oscilent Corporation
|
MAX11312GTJ |
PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
|
MAXIM - Dallas Semiconductor
|
FM3550 FM3560 |
4-Bit Multiplexed,1-Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches(4位多路传输的带标准两线控制的总线接口和非易失性锁存器位锁存器接口) 5-Bit Multiplexed,1-Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches(5位多路传输的带标准两线控制的总线接口和非易失性锁存器位锁存器接口)
|
Fairchild Semiconductor Corporation
|
74ACT825 74ACT825SPC 74ACT825MTC 74ACT825SC 74ACT8 |
8-Bit D-Type Flip-Flop 8-Bit LVTTL-GTLP Adjustable-Edge-Rate Registered Transceiver with Split LVTTL Port and Feedback Path 48-TSSOP -40 to 85 Octal D-Type Flip-Flop Two 1-Bit LVTTL/GTLP Adj-Edge-Rate Bus Xcvrs w Split LVTTL Port, Fdbk Path and Selectable Polarity 20-TSSOP -40 to 85
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|