PART |
Description |
Maker |
QL4090-0CF100M QL4090-0CF100M_883 QL4090-0CF208M Q |
90,000 usable PLD gate QuickRAM combining performance, density and embedded RAM. 16,128 RAM bits. 90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM 90,000 usable PLD gate QuickRAM combining performance, density and embedded RAM. 25,344 RAM bits.
|
ETC[ETC] QuickLogic
|
QL4009-1PL68C QL4009-1PL68I |
9,000 usable PLD gate QuickRAM ESP combining performance, density and embedded RAM.
|
QuickLogic
|
QL4016-4PLM QL4016 QL4016-0CF100C QL4016-0CF100I Q |
16/000 Usable PLD Gate QuickRAM ESP Combining Performance/ Density and Embedded RAM GT 19C 19#16 SKT RECP Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Square Flange Receptacle; Body Style:Straight GT 4C 4#16 SKT RECP 16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM 16000可用门QuickRAM ESP PLD的结合性能,密度和嵌入式内
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
QL4009-4PL68M QL4009 QL4009-0PF100C QL4009-0PF100I |
2.2 UF CERAMIC CAPACITOR 9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM 9000可用可编程逻辑门QuickRAM ESP结合性能,密度和嵌入式内 CAP, 4.7UF /- 20% 25V 9000可用可编程逻辑门QuickRAM ESP结合性能,密度和嵌入式内
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
QL4016-0PG208M QL4016-0PG208M_883 QL4016-0PL84M QL |
QuickRAM Combining Performance, Density and Embedded RAM(性能、密度和嵌入式相结合的QuickRAM系列) 90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
|
QuickLogic Corp. List of Unclassifed Manufacturers
|
XC9536XV-5CS48C XC9536XV-7VQ44C XC9536XV-7VQ44I XC |
36 macrocells with 800 usable gates High-performance CPLD EE PLD, 7.5 ns, PBGA48 EE PLD, 7.5 ns, PQCC44
|
Xilinx, Inc.
|
AT22LV10 AT22LV10L AT22LV10L-30GM AT22LV10-20JL AT |
500 gate low voltage PLD, low power, 24 and 28 pins, 3V 30NS, OTP, CERDIP, MIL TEMP(EPLD) Low-voltage UV From old datasheet system AT22LV10(L) [Updated 8/99. 12 Pages] 500 gate low voltage PLD. standard & low power. 24 pins OT PLD, 20 ns, PQCC28 OT PLD, 25 ns, PQCC28
|
Atmel Corporation N/A
|
ATF16V8B-15PC ATF16V8B ATF16V8B-10PC ATF16V8B/BQ/B |
Electrically-Erasable PLD 电可擦除可编程逻辑器件 ATF16V8B/BQ/BQL [Updated 4/01. 19 Pages] 250 gate electrically erasable PLD. 20 pins From old datasheet system 250 gate electrically erasable PLD, 20 pins
|
Atmel, Corp. Atmel Corp
|
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|
M4A3-128/64-55YC M4-32/32-10VI48 M4-64/32-18VI48 M |
EE PLD, 5.5 ns, PQFP100 EE PLD, 10 ns, PQFP48 EE PLD, 18 ns, PQFP48 EE PLD, 14 ns, PQFP48 EE PLD, 10 ns, PQCC84 EE PLD, 10 ns, PQFP208
|
VANTIS CORP
|
8600V ISPLSI8600V-90LB272 ISPLSI8600V-125LB492 ISP |
3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 24 ns, PBGA492 3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 24 ns, PBGA272 GT 14C 14#16 SKT RECP LINE EE PLD, 16 ns, PBGA492 3.3V In-System Programmable SuperBIGHigh Density PLD 3.3在系统可编程SuperBIG⑩高密度可编程逻辑器件 3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 13.5 ns, PBGA492
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
|