PART |
Description |
Maker |
ELEMD6R8JA ELEMD6R8KA ELEXH220KA ELEKN390JA ELEXHR |
1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR AXIAL LEADED 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 0.82 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 560 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 56 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4700 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 390 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 82 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.2 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1800 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 120 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3900 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 68 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5600 uH, GENERAL PURPOSE INDUCTOR
|
Panasonic, Corp. PANASONIC CORP
|
B120NH03L 2SA1020G 2SA1020RLRA 2SA1020RLRAG 2SA177 |
N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS PNP Silicon General Purpose Amplifier Transistor NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver Switching Diode MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET Low?Voltage 1.8/2.5/3.3V 16?Bit Transparent Latch 8?Bit Bus Switch Low?Voltage 1.8/2.5/3.3V 16?Bit Transceiver
|
STMICROELECTRONICS ZETEX ONSEMI[ON Semiconductor]
|
2N4125TANL |
PNP General Purpose Amplifier 200 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MMBT200ANL |
PNP General Purpose Amplifier 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2N3906J18Z 2N3906TA |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2N370202 2N3702 2N3702D27Z 2N3702D26Z 2N3702D75Z |
PNP Epitaxial Silicon Transistor PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
PN4249 |
PNP General Purpose Amplifier(PNP通用放大 500 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
HN1A01FU E001966 |
Silicon PNP Transistor PNP EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS) From old datasheet system
|
N/A Toshiba Semiconductor
|
MPS8050 |
PNP General Purpose Amplifier(PNP????惧ぇ??
|
FAIRCHILD SEMICONDUCTOR CORP
|
MPS6523 |
PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
PN2907AL-T92-B PN2907AL-T92-K PN2907A-T92-B PN2907 |
PNP GENERAL PURPOSE AMPLIFIER
|
Unisonic Technologies
|
|