PART |
Description |
Maker |
MTR283R3SF/883 MTR28512TF/883 MTR2805SF/883 MTR285 |
DC/DC CONVERTERS 28 VOLT INPUT 3-OUTPUT 20 W DC-DC REG PWR SUPPLY MODULE
|
Standard Power
|
SMFL283R3S/KR SMFL2815S/KR SMFL2805D/KR SMFL2805S/ |
DC/DC CONVERTERS 28 VOLT INPUT 1-OUTPUT 40 W DC-DC REG PWR SUPPLY MODULE DC/DC CONVERTERS 28 VOLT INPUT 2-OUTPUT 50 W DC-DC REG PWR SUPPLY MODULE
|
Standard Power
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
H8_38774 H8_38775 H838776 H8_38776 H8_38776F |
12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
|
Renesas Electronics Corporation
|
FMS6501MSA28X FMS6501 FMS6501MSA28 |
12 Input 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FMD28-461-14 |
EMI Input Filters 28 Volt input ?7 Amp
|
Interpoint Corporation ...
|
STF28-461 |
EMI INPUT FILTER 28 VOLT INPUT 电磁干扰输入滤波8伏的输入
|
Standard Power
|
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
SFME28-461 |
EMI INPUT FILTER 28 VOLT INPUT
|
Crane Aerospace & Electronics.
|
STF28-461 |
EMI INPUT FILTER 28 VOLT INPUT
|
INTERPOINT[Interpoint Corporation Company]
|
FM-461F/ES FMA-461F/ES FMB-461F/ES |
EMI INPUT FILTERS 28 VOLT INPUT
|
Interpoint Corporation Company
|