PART |
Description |
Maker |
MRH2815TF/ES MRH2812TF/ES MRH2812DF/ES MRH2815DF/E |
DC/DC CONVERTERS 28 VOLT INPUT 1-OUTPUT 15 W DC-DC REG PWR SUPPLY MODULE
|
Standard Power Infineon Technologies AG
|
H8/38774 H8/38775 H8/38776 H8/38773 H8/38776F |
12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
|
Renesas Electronics Corporation
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
FM-704A/883 |
EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
|
Interpoint Corporation Company
|
FM-704A/883 |
EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
|
Standard Power
|
FMGA-461/883 |
EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
|
Crane Aerospace & Electronics.
|
FME270-461 FME270-461_883 FME270-461V FME270-461V_ |
EMI INPUT FILTERS 28 & 270 VOLT INPUT
|
Crane Aerospace & Electronics.
|
FME28-461Y/883 FME28-461/883 FME28-461V/883 FME28- |
EMI INPUT FILTERS 28 & 270 VOLT INPUT
|
Interpoint Corporation Company http://
|
FMH-461F/883 FMH-461/883 |
EMI INPUT FILTER 28 VOLT INPUT
|
Interpoint Corporation Company
|
FMH-461F/883 FMH-461/883 |
EMI INPUT FILTER 28 VOLT INPUT
|
Crane Aerospace & Electronics.
|