PART |
Description |
Maker |
MGCM01 MGCM01KG MGCM01TP1N |
TDMA/AMPS Baseband Interface
|
Zarlink Semiconductor Inc
|
MGCT02 MGCT02/KG/QP1S MGCT02/KG/QP1T |
Transmit Circuit for TDMA/AMPS
|
Zarlink Semiconductor Inc
|
CX74036 |
IS-136 Receive RF IC for TDMA and AMPS Applications
|
Conexant Systems
|
NJG1515AVB2 NJG1515AVB2-C1 NJG1515AVB2-C10 NJG1515 |
TDMA ANTENNA SWITCH GaAs MMIC
|
NJRC[New Japan Radio]
|
TQ5121 |
3V Cellular TDMA/AMPS LNA/mixer Receiver IC
|
TriQuint Semiconductor
|
RF23761 |
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
|
RF Micro Devices
|
MC13760 |
GSM/DCS/TDMA/AMPS Multi-Protocol Transceiver
|
Motorola, Inc
|
RF237606 RF2376PCBA RF2376 |
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
|
RFMD[RF Micro Devices]
|
IR1150 IR1150PBF IR1150ISTRPBF |
One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Consumer market One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Industrial market.
|
International Rectifier
|
TC1029EUA TC1029 TC1029EOA TC1029EPA |
The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from ... The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from a single supply, however, operation from dual supplies is also possible, and the power supply current drai Linear Building Block - Dual Low Power Op Amp
|
MICROCHIP[Microchip Technology]
|
RF2381_06 RF2381 RF2381PCBA-41X RF238106 |
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
|
RFMD[RF Micro Devices]
|
RF2381PCBA RF2381 |
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
|
RFMD[RF Micro Devices]
|