Part Number Hot Search : 
20133 M2052 2SK4125 F1145ER GBU10 SMCJ16A SW6502 MMBD7000
Product Description
Full Text Search

PTMB100B12C - IGBT SP series Six Pack 100A 1200V

PTMB100B12C_1298347.PDF Datasheet


 Full text search : IGBT SP series Six Pack 100A 1200V


 Related Part Number
PART Description Maker
6MBI100S-14001 IGBT MODULE ( S series) 1400V / 100A 6 in one-package
Fuji Electric
2MBI100VA-120-50 IGBT MODULE (V series) 1200V / 100A / 2 in one package
Fuji Electric
6MBI100VB-120-50 IGBT MODULE (V series) 1200V / 100A / 6 in one package
Fuji Electric
6MBP100VDA120-50 IGBT MODULE (V series) 1200V / 100A / IPM
Fuji Electric
X9315 X9315WSZ-2.7 X9315TM X9315TM-2.7 X9315TMI X9 :SEMITOP 3; Centres, fixing:52.5mm; Current, Ic av:40A; Current, Ic continuous b max:32A; RoHS Compliant: Yes
max:2.1V; Case style:SEMITOP 4; Current, Icm pulsed:100A; Temperature, Tj RoHS Compliant: Yes
THYRISTOR MODULE, 3 PHASETHYRISTOR MODULE, 3 PHASE; Voltage, Vrrm:1600V; Case style:SEMITOP 3; Current, It rms:68A; Current, Itsm:450A; Voltage, Vgt
:SEMITOP-4; Voltage, Vceo:1200V; Voltage, Vce sat max:2.15V; Current, Ic continuous a
continuous a max:17A; Voltage, Vce sat max:2.5V; Case style:SEMITOP 3; Current, Icm RoHS Compliant: Yes
IGBT MODULE, H BRIDGE 1200VIGBT MODULE, H BRIDGE 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3.2V
IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:54A
IGBT MODULE, CHOPPER 1200VIGBT MODULE, CHOPPER 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V
IGBT MODULE 6 PACK 114A 1200V TRENCHIGBT MODULE 6 PACK 114A 1200V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Voltage
:SEMITOP 2; Centres, fixing:38mm; Current, Ic av:23A; Current, Ic continuous b max:15A; RoHS Compliant: Yes
IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 3; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V
IGBT MODULE, DUAL 1200VIGBT MODULE, DUAL 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V; Current, Ic
MOSFET MODULE, 6 PACK 75VMOSFET MODULE, 6 PACK 75V; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:100V; Case style:SEMITOP 2
RECTIFIER SCHOTTKY SINGLE 1A 70V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO
DIODE SCHOTTKY SINGLE 10V 150mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-523 3K/REEL
IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 1; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:30A; Current, Icm pulsed:24A; Power, Pd:1400W; Time, rise:35ns; Centres, fixing:28.5mm;
Low Noise, Low Power, 32 Taps 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDIP8
IGBT MODULE 6 PACK 96A 600V TRENCHIGBT MODULE 6 PACK 96A 600V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Current, Ic continuous a max:100A
IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V; Current, Ic continuous a max:22A; Current, Icm pulsed:44A; Power, Pd:1600W; Time,
http://
INTERSIL[Intersil Corporation]
Intersil, Corp.
61063-101 61063 61063-001 PHOTODIODE “PILL PACK?/a>
PHOTODIODE PILL PACK Micropac Industries
PHOTODIODE “PILL PACK”
PHOTODIODE B>PILL PACK
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight PHOTO DIODE
PHOTODIODE PILL PACK 光电二极管“丸包装
23
22
20
MICROPAC[Micropac Industries]
Micropac Industries, Inc.
PBMB100B12 IGBT MODULE H-Bridge 100A 1200V
NIEC[Nihon Inter Electronics Corporation]
MIMMG100SR120UZA 1200V 100A IGBT Module RoHS Compliant
Micross Components
MIMMG100SR060UK 600V 100A IGBT Module RoHS Compliant
Micross Components
 
 Related keyword From Full Text Search System
PTMB100B12C board PTMB100B12C IC在线 PTMB100B12C Mount PTMB100B12C Capacitor PTMB100B12C Level
PTMB100B12C Table PTMB100B12C byte PTMB100B12C appreciate PTMB100B12C level converter PTMB100B12C ptc data
 

 

Price & Availability of PTMB100B12C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.12787890434265