PART |
Description |
Maker |
SA56606-XX SA56606-29GW SA56606-44GW SA56606-27 SA |
CMOS system reset CMOS系统复位 CMOS system reset 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 CAP 0.01UF 50V 10% X7R SMD-0603 TR-7-PA NI-BAR/SN ROHS
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PST3715 PST3712 PST3710 PST3711 PST3713 PST3714 PS |
IC for CMOS System Reset Monolithic IC
|
Mitsumi Electronics, Co... MITSUMI[Mitsumi Electronics, Corp.]
|
PST36XX PST35XX |
CMOS System Reset From old datasheet system
|
Mitsumi
|
CAT824YSDI-G |
System Supervisory Voltage Reset with Watchdog and Manual Reset 系统监控电压复位,带有看门狗和手动复
|
ON Semiconductor
|
CAT825MSDI-GT3 CAT824MSDI-GT3 CAT823 CAT823LSDI-GT |
System Supervisory Voltage Reset with Watchdog and Manual Reset
|
ON Semiconductor
|
MAX6452 MAX6446 MAX6448 MAX6443-MAX6452 MAX6444USL |
4.625 V, mP reset circuit with long manual reset setup period 2.925 V, mP reset circuit with long manual reset setup period 2.313 V, mP reset circuit with long manual reset setup period µP Reset Circuits with Long Manual Reset Setup Period レP Reset Circuits with Long Manual Reset Setup Period From old datasheet system ?P Reset Circuits with Long Manual Reset Setup Period μP Reset Circuits with Long Manual Reset Setup Period 1.575 V, mP reset circuit with long manual reset setup period 2.625 V, mP reset circuit with long manual reset setup period
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
RNA51A28FLP RNA51A28FLPEL RNA51A26FLP RNA51A26FLPE |
CMOS system.RESET IC SPECIALTY ANALOG CIRCUIT, PDSO5 SC-74A, SOT-23, 5 PIN
|
Applied Micro Circuits, Corp. Renesas Electronics Corporation
|
MM1095BF MM1095 MM1095AD MM1095AF MM1095AS MM1095B |
System Reset (with built-in watchdog timer) System Reset (Built-in Watch Dog Timer)
|
http:// Mitsumi Electronics, Corp. MITSUMI ELECTRIC
|
2SA1900T100Q MAX1600112 MAX1600012 MAX1600212 MAX1 |
Bipolar Small Signal PNP 50V 1A SO-89 Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset 监控电路,带有I2C串行K位CMOS EEPROM和手动复 Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer 监控电路,带有I2C串行CMOS EEPROM的,精密复位控制器和看门狗定时器 Cascadable Amplifier 10 to 1200 MHz
|
Maxim Integrated Products ON Semiconductor
|
BC846-BC850 Q62702-C1746 Q62702-C1772 Q62702-C1885 |
From old datasheet system NPN Silicon AF Transistors (For AF input stages and driver applications High current gain) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|