PART |
Description |
Maker |
PS12013-A |
Acoustic noise-less 0.4kW/AC400V Class 3 Phase inverter and other motor control applications FLAT-BASE TYPE INSULATED TYPE
|
Mitsubishi Electric Semiconductor POWEREX[Powerex Power Semiconductors]
|
EMC6D102-CK |
Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features
|
http://
|
EMC6D102_06 EMC6D102 EMC6D102-CZC EMC6D102-CZC-TR |
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
|
SMSC[SMSC Corporation]
|
EMC6D102-CZC-TR |
Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features BRUSH DC MOTOR CONTROLLER, PDSO24
|
SMSC, Corp.
|
TC654 TC654EUN TC655 TC655EUN |
The TC655 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li The TC654 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li Dual SMBus PWM Fan Speed Controllers With Fan Fault Detection Dual SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
SUINT3000RTXL3U |
SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, USB, DB9 Serial
|
Tripp Lite. All Rights ...
|
PDUMH32HVATNET |
TAA-Compliant 7.4kW Single-Phase ATS/Switched PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
|
Tripp Lite. All Rights ...
|
SU16KRT8 |
SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N 1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,NEMA Outlets
|
Tripp Lite. All Rights ...
|
SU12000RT4U |
SmartOnline 240/120V or 208-120V 12kVA 8.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 8U Rack-Tower, USB, DB9 Serial
|
Tripp Lite. All Rights ...
|
ACTR8008 ACTR868 ACTR8008_868 ACTR8008_8680_QCC8C |
true one-port, surface-acoustic-wave (SAW) resonator A True One-Port, Surface-Acoustic-Wave
|
List of Unclassifed Manufacturers Advanced Crystal Technology ETC[ETC] N.A.
|
TFR433G1 |
Surface Acoustic Wave (SAW) Filter
|
Vectron
|