PART |
Description |
Maker |
PS0.25-5 |
High Speed epitaxy Low Dark curren 0.25mm active area
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
TCD2704D |
High sensitive and low dark current 7500 elements x 4 line
|
TOSHIBA[Toshiba Semiconductor]
|
BUP302 Q67078-A4205-A2 |
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated) From old datasheet system High Speed CMOS Logic Dual Decade Ripple Counters 16-PDIP -55 to 125 IGBT的(低正向压降高开关速度低尾电流的无闩锁雪崩额定
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
OP-37AJ OP-37AZ OP-37BJ OP-37BZ OP-37CJ OP-37CZ OP |
LOW NOISE, PRECISION, HIGH SPEED OPERATIONAL AMPLIFIER(AVCL>=5) 703.02 Kbytes LOW NOISE, PRECISION, HIGH SPEED OPERATIONAL AMPLIFIER(AVCL>=5) LOW NOISE, PRECISION, HIGH SPEED OPERATIONAL AMPLIFIER(AVCL>=5) OP-AMP, 200 uV OFFSET-MAX, 63 MHz BAND WIDTH, CQCC20
|
AD[Analog Devices] Analog Devices, Inc.
|
SFH263F SFH263 |
WITH FILTER SILICON PHOTODIODE VERY LOW DARK CURRENT
|
SIEMENS[Siemens Semiconductor Group]
|
KOM0622045 |
8-CHIP SILICON PHOTODIODE ARRAY VERY LOW DARK CURRENT
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
KOM0622059 |
64-ELEMENT SILICON CIRCULAR ARRAY VERY LOW DARK CURRENT
|
SIEMENS AG Siemens Semiconductor Group
|
R9110 |
PHOTOMULTIPLIER TUBE High Sensitivity and Lower Dark Current
|
Hamamatsu Corporation
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
IDT70914S25PI IDT70914S25PB IDT70914S25P 70914_DS_ |
Low-Noise JFET-Input Operational Amplifier 14-PDIP 0 to 70 高6KK的9)同步双端口RAM High Speed Low-Noise JFET-Input Quad Operational Amplifier 14-CFP -55 to 125 4K X 9 DUAL-PORT SRAM, 25 ns, PQCC68 High Speed Low-Noise JFET-Input Quad Operational Amplifier 14-CDIP -55 to 125 4K X 9 MULTI-PORT SRAM, 25 ns, PQCC68 High Speed Low-Noise JFET-Input Quad Operational Amplifier 20-LCCC -55 to 125 HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM From old datasheet system
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
PN4249 PN4248 PN4250A FTSO4248 FTSO4249 FTSO4250 F |
PNP small signal high speed saturated switch. PNP small signal ultra high speed logic switch. PNP low noise high voltage amplifier. PNP general purpose amplifier. PNP Low Level Low Noise Amplifiers 进步党低级别低噪声放大器
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|