PART |
Description |
Maker |
MF446 MF446FC MF446PT MF446SC MF446SMA MF446ST |
750 - 850 nm, 1.5 GHz PIN Photodiode High-Performance PIN
|
Zarlink Semiconductor Inc
|
S5821-01 S5821-02 S5821-03 S5821 |
High performance, high reliability Si PIN photodiodes
|
Hamamatsu Corporation
|
EL7156C EL7156CN EL7156CS EL7156CS-T13 EL7156CS-T7 |
High Performance Pin Driver
|
Elantec Semiconductor
|
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
PIC18F63J11-I/PT PIC18F64J11-I/PT PIC18F65J11-I/PT |
64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
|
Microchip Technology Inc.
|
PIC18FXX8 |
28/40-Pin High-Performance Enhanced Flash Microcontrollers
|
Microchip Technology
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
HLMA-QH00 HLMA-QH00-S0011 HLMA-QH00-S0012 HLMA-QH0 |
SubminiatureHighPerformanceAlInGaPLEDLamps
SubminiatureHighPerformanceASAlInGaPRedOrangeLEDLamps.GullWing.Bulk
SubminiatureHighPerformanceASAlInGaPRedOrangeLEDLamps.GullWing.7inchRee..
SubminiatureHighPerformanceASAlInGaPRedOrangeLEDLamps
Subminiature High Performance AS AlInGaP Red Orange LED Lamps. Gull Wing. 7 inch Reel Pin contact interface connectors; HRS No: 225-0014-8 02; No. of Positions: 50; Operating Temperature Range (degrees C): -55 to 85 超小型高性能T型车的AlInGaP红色橙色LED灯具 超小型高性能T型车的AlInGaP红色LED Pin contact interface connectors; HRS No: 225-0025-4 00; No. of Positions: 36; Operating Temperature Range (degrees C): -55 to 85 超小型高性能铝铟镓磷化物发光二极 Subminiature High Performance AlInGaP LED Lamps 超小型高性能铝铟镓磷化物发光二极 Subminiature High Performance AS AlInGaP Red LED Lamps 超小型高性能的AlInGaP红色LED
|
http:// HP[Agilent(Hewlett-Packard)] Ironwood Electronics Avago Technologies, Ltd. Agilent(Hewlett-Packard...
|
PIC18F8720-E_PT PIC18F8720-I_PT PIC18LF8720-E_PT P |
64/80-Pin High Performance 1 Mbit Enhanced FLASH Microcontrollers with A/D
|
MICROCHIP[Microchip Technology]
|
PIC18F45J10T-L_SO |
28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
|
Microchip Technology
|
PIC18F45J10T-E/ML PIC18F25J10T-E/ML PIC18F25J10T-L |
28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
|
Microchip Technology
|