PART |
Description |
Maker |
PIC16LV5XA02BI_SS PIC16LV58A PIC16LV5XA02BI_P PIC1 |
EPROM-Based 8-Bit CMOS Microcontroller Series
|
MICROCHIP[Microchip Technology]
|
PIC16LV5XA02BI/P PIC16LV5XA02BI/SO PIC16LV5XA02BI/ |
EPROM-Based 8-Bit CMOS Microcontroller Series
|
Microchip Technology
|
27C4100 27C4096 MX27C4096 MX27C4096PI-12 MX27C4096 |
(MX27C4100 / MX27C4096) 4M-BIT [512K x 8/256K x 16] CMOS EPROM 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 120 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 100 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDSO40 Single Output LDO, 50mA, Fixed(3.0V), Low Quiescent Current, Thermal Protection 5-SOT-23 256K X 16 OTPROM, 100 ns, PDIP40
|
Macronix International Co., Ltd.
|
PIC16C54C-04-P PIC16C55A-JW PIC16LC55A-04I PIC16CR |
EPROM/ROM-Based 8-bit CMOS Microcontroller Series EPROM/ROM-Based 8-bit CMOS Microcontroller Series
|
Microchip Technology
|
AM27C040 AM27C040-120 AM27C040-120DCB AM27C040-120 |
4 Megabit (512 K x 8-Bit) CMOS EPROM SEAL,NEOPRENE,CYLINDRICAL CONNECTR& 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 120 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 4兆位12亩8位)的CMOS存储 Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 150 ns, CDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 512K X 8 OTPROM, 120 ns, PDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-PDIP 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 120 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 90 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PQCC32 MEMORY KEY, USBFTV, SEALED, 1GB; Colour:Green; Series:USB FTV RoHS Compliant: No
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
MX27C256 MX27C256PC-10 MX27C256PC-12 MX27C256PC-15 |
256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 55 ns, PDSO28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 70 ns, PQCC32 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 70 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 100 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 120 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 150 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 90 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 55 ns, PDIP28
|
PROM Macronix International Co., Ltd.
|
MDT10P73 |
This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consum
|
List of Unclassifed Manufacturers
|
MDT10P73 |
THIS EPROM-BASED 8-BIT MICRO-CONTROLLER USES A FULLY STATIC CMOS TECHNOLOGY PROCESS TO ACHIEVE HIGHER SPEED AND SMALLER SIZE WITH THE LOW POWER CONSUM
|
ETC
|
CY27C256 CY27C256-120 CY27C256-120JC CY27C256-120P |
32K x 8-Bit CMOS EPROM 32K X 8 UVPROM, 55 ns, CDIP28 32K x 8-Bit CMOS EPROM 32K X 8 OTPROM, 150 ns, PDSO32 CONN PLUG HOUSING HA SIZE2 UPPER
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
PIC12F635E/MF PIC12F635E/MFQTP PIC12F635E/P PIC12F |
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY This powerful yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s ...
|
Microchip
|
TLC157R TLC156 TLC154 TLC155 TLC154D TLC154ED TLC1 |
EPROM/ROM-Based 8-Bit Microcontroller Series
|
ETC[ETC]
|