PART |
Description |
Maker |
PCAL9539A PCAL9539AHF PCAL9539APW |
Low-voltage 16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
|
NXP Semiconductors
|
PI3VT3245-A PI3VT3245-ALE |
8-Bit, 2-Port, Low Voltage Translator Bus Switch
|
Pericom Semiconductor C...
|
PI3VT34X245B PI3VT34X245 |
32-Bit, 2-Port, Low Voltage Translator Bus Switch
|
PERICOM[Pericom Semiconductor Corporation]
|
PCA9538A PCA9538ABS PCA9538APW |
Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
|
NXP Semiconductors
|
74LVT162245 74LVT162245MEA 74LVT162245MTD 74LVTH16 |
Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25з Series Resistors in A Port Outputs
|
Fairchild Semiconductor
|
PI3CH400 PI3CH400L PI3CH400LE PI3CH400Q PI3CH400QE |
Low Voltage, 5Ω, 4-Channel 2-Port NanoSwitch 3CH SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO16 0.170 INCH, TSSOP-16 3CH SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO16 0.170 INCH, GREEN, TSSOP-16 Low Voltage, 5ヘ, 4-Channel 2-Port NanoSwitch⑩
|
Pericom Semiconductor, Corp. Pericom Semiconductor Corporation
|
PO3VT3305A PO3VT3305ATR PO3VT3305ATU |
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
|
Potato Semiconductor Corporation
|
28C17A-25/P 28C17A-25/L 28C17A-25I/L 28C17A-25I/P |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 128Kx8 EEPROM 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs x8的EEPROM
|
Microchip Technology, Inc.
|
PI3B16210VE PI3B16210A PI3B16210BE PI3B16210AE PI3 |
3.3V, 20-Bit, 2-Port NanoSwitch 3.3伏,20位,2端口NanoSwitch 3.3V/ Hot Insertion 20-Bit/ 2-Port BusSwitch 3.3V/ 20-Bit/ 2-Port NanoSwitch
|
Pericom Semiconductor, Corp. Pericom Semiconductor Corp. Pericom Technology
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MAX5202ACUB MAX5203ACUB MAX5200ACUB MAX5201ACUB MA |
Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in MAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX SERIAL INPUT LOADING, 25 us SETTLING TIME, 16-BIT DAC, PDSO10 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in ??AX
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|