PART |
Description |
Maker |
BUK9506-55B |
(BUK9x06-55B) N-channel TrenchMOSTM logic level FET
|
NXP
|
BUK7606-55 BUK7606-55A |
TrenchMOS(TM)transistor Standard level FET(TrenchMOS(TM)晶体管标准电平FET) Aluminum Snap-In Capacitor; Capacitance: 2200uF; Voltage: 50V; Case Size: 22x25 mm; Packaging: Bulk TrenchMOSTM)transistor Standard level FET(TrenchMOSTM)晶体管标准电平FET) TrenchMOS(商标)一级标准场效应晶体管(TrenchMOS(商标)晶体管标准电平场效应管)
|
Philips Semiconductors 3M Company
|
KUK7109-75AIE |
TrenchMOSTM standard level FET
|
Guangdong Kexin Industrial Co.,Ltd
|
AT45DB321C-CC AT45DB321C-RI AT45DB321C-CI AT45DB32 |
32 MEGABIT 2.7 VOLT DATAFLASH TRANSI, NPN, 160V, 600MA, 2W, SOT223, CZT5551 DIODE/SM,REC*1A*60V 32M X 1 FLASH 2.7V PROM, PDSO28
|
Atmel Corp. Atmel, Corp.
|
BUK9575-100A BUK9575-55 |
TrenchMOS transistor Logic level FET TrenchMOS(TM)transistor Logic level FET(TrenchMOS(TM)晶体管逻辑电平FET) TrenchMOSTM)transistor Logic level FET(TrenchMOSTM)晶体管逻辑电平FET)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
ESDA14V2-4BF ESDA14V2-4BF2 ESDA14V2-4BF208 ESDA14V |
QUAD BIDIRECTIONAL TRANSIL ARRAY FOR ESD PROTECTION Quad bidirectional Transi array for ESD protection
|
ST Microelectronics STMicroelectronics
|
MCP3204-BISL MCP3204-CIST MCP3204-CIP MCP3204-BIP |
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.93,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 CBS SCREW-MOUNT NYLON 3/4,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.68,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 400000 SYSTEM GATE 1.8 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口
|
Microchip Technology Inc. Microchip Technology, Inc.
|
PCN21B-SC-G PCN21A-110PA-2PF PCN21A-110PA-2PF-G PC |
LED AMBER 624NM CLEAR 4-PLCC SMD DIODE ZNR .35W 5.1V SOT23 SMD XTR PNP MMBT2907 SOT23 T&R DIODE ZNR .35W 5.6V SOT23 SMD TRANSI, PNP, 150V, 500MA, 350MW, SOT23, C2L DIODE,SIGNAL,100V,4148,SOT23 TRANS NPN BT2369 SM TRANSISTOR - CMPT5551, NPN (SMT) Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:2000uF RoHS Compliant: No CAP 6.8UF 16V 10% TANT SMD-3216-18 TR-7 GROMMET LIQUID TIGHT 1.14 HOLE 2mm Hard Metric Connector 2mm的硬公制连接 XTR PNP MMBT2907 SOT23 T&R
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
HI4-0508A-8 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -55°C to 125°C; Package: 20-LCC 8-CHANNEL, SGL ENDED MULTIPLEXER, CQCC20
|
Intersil, Corp.
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
ISB-A27-0 |
150 mA, 30 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Ultrathin Miniature Package 4-channel N-channel MOSFET Array
|
Sanyo Semicon Device
|
HI1-0518-5 HI1-0518-8 HI3-0518-5 HI-518 FN3147 |
8-Channel/Differential 4-Channel,CMOS high speed andlog multiplexer 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP18 RESISTOR POWER 125 OHM 8W 5% 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP18 8-Channel/Differential 4-Channel/ CMOS High Speed Analog Multiplexer 64 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer 8-Channel/Differential 4-Channel CMOS High Speed Analog Multiplexer From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|