PART |
Description |
Maker |
2MBI600U4G-120 |
IGBT MODULE (U series) 1200V / 600A / 2 in one package
|
Fuji Electric
|
X9315 X9315WSZ-2.7 X9315TM X9315TM-2.7 X9315TMI X9 |
:SEMITOP 3; Centres, fixing:52.5mm; Current, Ic av:40A; Current, Ic continuous b max:32A; RoHS Compliant: Yes max:2.1V; Case style:SEMITOP 4; Current, Icm pulsed:100A; Temperature, Tj RoHS Compliant: Yes THYRISTOR MODULE, 3 PHASETHYRISTOR MODULE, 3 PHASE; Voltage, Vrrm:1600V; Case style:SEMITOP 3; Current, It rms:68A; Current, Itsm:450A; Voltage, Vgt :SEMITOP-4; Voltage, Vceo:1200V; Voltage, Vce sat max:2.15V; Current, Ic continuous a continuous a max:17A; Voltage, Vce sat max:2.5V; Case style:SEMITOP 3; Current, Icm RoHS Compliant: Yes IGBT MODULE, H BRIDGE 1200VIGBT MODULE, H BRIDGE 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3.2V IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:54A IGBT MODULE, CHOPPER 1200VIGBT MODULE, CHOPPER 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V IGBT MODULE 6 PACK 114A 1200V TRENCHIGBT MODULE 6 PACK 114A 1200V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Voltage :SEMITOP 2; Centres, fixing:38mm; Current, Ic av:23A; Current, Ic continuous b max:15A; RoHS Compliant: Yes IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 3; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V IGBT MODULE, DUAL 1200VIGBT MODULE, DUAL 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V; Current, Ic MOSFET MODULE, 6 PACK 75VMOSFET MODULE, 6 PACK 75V; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:100V; Case style:SEMITOP 2 RECTIFIER SCHOTTKY SINGLE 1A 70V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO DIODE SCHOTTKY SINGLE 10V 150mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-523 3K/REEL IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 1; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:30A; Current, Icm pulsed:24A; Power, Pd:1400W; Time, rise:35ns; Centres, fixing:28.5mm; Low Noise, Low Power, 32 Taps 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDIP8 IGBT MODULE 6 PACK 96A 600V TRENCHIGBT MODULE 6 PACK 96A 600V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Current, Ic continuous a max:100A IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V; Current, Ic continuous a max:22A; Current, Icm pulsed:44A; Power, Pd:1600W; Time,
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
MBN400GR12 |
IGBT Module Rated 400A/1200V, Single-pack type
|
HITACHI[Hitachi Semiconductor]
|
1MBI600LP060 |
TRANSISTOR | IGBT POWER MODULE | INDEPENDENT | 600V V(BR)CES | 600A I(C)
|
|
2MBI75S 2MBI75S-120 |
IGBT MODULE ( S-Series ) 2-Pack IGBT 1200V 2X75A IGBT模块S系列,包IGBT200X75A 5-Pin, Multiple-Input, Programmable Reset ICs 100 A, 1200 V, N-CHANNEL IGBT
|
http:// FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD.
|
PDMB600B121 |
600A 1200V
|
Nihon Inter Electronics Corporation
|
CM600E2Y34H |
TRANSISTOR | IGBT POWER MODULE | INDEPENDENT | 1.7KV V(BR)CES | 600A I(C) 晶体管| IGBT功率模块|独立| 1.7KV五(巴西)国际消费电子展| 601余(丙)
|
Powerex, Inc.
|
IKW03N120H2 Q67040-S4597 IKB03N120H2 IKP03N120H2 Q |
IGBTs & DuoPacks - 3A 1200V HighSpeed2 DuoPack IGBT D2Pak 1200V HighSpeed2 IGBT and 600V HighSpeed IGBT with antiparallel fast recovery EmCon™ diode in only one package. IGBTs & DuoPacks - 3A 1200V HighSpeed2 DuoPack IGBT TO247 IGBTs & DuoPacks - 3A 1200V HighSpeed2 DuoPack IGBT TO220 HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode From old datasheet system
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
GAE75AA120 |
1200V IGBT module
|
SANREX[SanRex Corporation]
|
MII400-12E4 |
1200V IGBT module
|
IXYS
|
6MBI10S-120L |
IGBT MODULE(1200V 6x10A)
|
Fuji Electric
|
6MBI10S-120 |
IGBT MODULE(1200V/10A)
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
|