PART |
Description |
Maker |
EC-1019 |
DC - 6 GHz HIGH LINEARITY BROADBAND AMPLIFIER
|
EIC Semiconductor, Inc.
|
MAX3524EVB_ MAX3524 MAX3524EVB |
Low-Noise, High-Linearity Broadband Amplifier
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products]
|
CGA-3318Z |
Dual CATV Broadband High Linearity SiGe HBT Amplifier
|
sirenza.com
|
IAM-92516 IAM-92516-TR1 IAM-92516-TR2 IAM-92516-BL |
IAM-92516 · Low Cost, High Linearity, Low LO Drive, Up and Down converter High Linearity GaAs FET Mixer From old datasheet system
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
MGA-633P8-BLKG MGA-633P8-TR1G |
Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
|
AVAGO TECHNOLOGIES LIMITED
|
MAX9995 MAX9995ETX-T MAX9995ETX MAX9995ETX-TD MAX9 |
Dual / SiGe / High-Linearity / 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch From old datasheet system Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch Hex 2-Input NOR Drivers 20-CDIP -55 to 125 Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 双通道,锗,高线性度700MHz2200MHz下变频混频器,LO缓冲开
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
263371 263372 263373 263374 263375 263378 263379 2 |
Ultrasound Variable-Gain Amplifier Evaluation Kit for the MAX2039 High-Linearity, 1700MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance High-Linearity, 1700MHz to 2200MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller Evaluation Kit for the MAX2016 5V, RS-232 Transceivers with 0.1µF External Capacitors Evaluation Kit for the MAX2015 8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs High-Dynamic-Range, Direct Up-/Downconversion, 750MHz to 1200MHz Quadrature Modulator/Demodulator High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator High-Linearity, 815MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs Evaluation Kit for the MAX2043 Evaluation Kit for the MAX2027 Evaluation Kit for the MAX1036 MAX2023 Evaluation Kit PHOTOLUM.WARNING STRIPS PHOTOLUM.WARNING带钢 WARNING TAPES STD.LUMINOUS
|
Panduit, Corp.
|
GX035C104MA72 GX035C104MA72-1000 |
Ultra Broadband Capacitor
|
AVX Corporation
|
MAX2320 MAX2321 MAX2322 MAX2324 MAX2325 MAX2326 MA |
Adjustable.High-Linearity.SiGe.Dual-Band.LNA/Mixer ICs Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs 可调、高线性度、SiGe、双频段、LNA/混频器IC Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs RF/MICROWAVE DOWN CONVERTER Adjustable, High-Linearity, SiGe, Dual-Band, LNA/Mixer ICs
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
JXWBOH-T-800-2500-10 JXWBOH-T-800-2500-20 JXWBOH-T |
Ultra-Broadband Directional Coupler (SMA Connectors)
|
American Accurate Components, Inc.
|