Part Number Hot Search : 
74F02 MBR645 STV641 512K3 A5801027 020180 UM3561A TH58NVG
Product Description
Full Text Search

PDMB150B12C - IGBT MODULE Dual 150A 1200V

PDMB150B12C_1294712.PDF Datasheet


 Full text search : IGBT MODULE Dual 150A 1200V


 Related Part Number
PART Description Maker
PDMB150B12C IGBT MODULE Dual 150A 1200V
NIEC[Nihon Inter Electronics Corporation]
7MBP150VEA120-50 IGBT MODULE (V series) 1200V / 150A / IPM
Fuji Electric
MIMMG150DR120UK 1200V 150A IGBT Module RoHS Compliant
Micross Components
OM150L120CMC 1200V 150A Chopper Hi-Rel CERMOD IGBT Power Module
International Rectifier
IRG7T150HF12J 1200V 150A Ultra Fast IGBT Half-Bridge module packaged in POWIR ECO 3 package
International Rectifier, Corp.
X9315 X9315WSZ-2.7 X9315TM X9315TM-2.7 X9315TMI X9 :SEMITOP 3; Centres, fixing:52.5mm; Current, Ic av:40A; Current, Ic continuous b max:32A; RoHS Compliant: Yes
max:2.1V; Case style:SEMITOP 4; Current, Icm pulsed:100A; Temperature, Tj RoHS Compliant: Yes
THYRISTOR MODULE, 3 PHASETHYRISTOR MODULE, 3 PHASE; Voltage, Vrrm:1600V; Case style:SEMITOP 3; Current, It rms:68A; Current, Itsm:450A; Voltage, Vgt
:SEMITOP-4; Voltage, Vceo:1200V; Voltage, Vce sat max:2.15V; Current, Ic continuous a
continuous a max:17A; Voltage, Vce sat max:2.5V; Case style:SEMITOP 3; Current, Icm RoHS Compliant: Yes
IGBT MODULE, H BRIDGE 1200VIGBT MODULE, H BRIDGE 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3.2V
IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:54A
IGBT MODULE, CHOPPER 1200VIGBT MODULE, CHOPPER 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V
IGBT MODULE 6 PACK 114A 1200V TRENCHIGBT MODULE 6 PACK 114A 1200V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Voltage
:SEMITOP 2; Centres, fixing:38mm; Current, Ic av:23A; Current, Ic continuous b max:15A; RoHS Compliant: Yes
IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 3; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V
IGBT MODULE, DUAL 1200VIGBT MODULE, DUAL 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V; Current, Ic
MOSFET MODULE, 6 PACK 75VMOSFET MODULE, 6 PACK 75V; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:100V; Case style:SEMITOP 2
RECTIFIER SCHOTTKY SINGLE 1A 70V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO
DIODE SCHOTTKY SINGLE 10V 150mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-523 3K/REEL
IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 1; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:30A; Current, Icm pulsed:24A; Power, Pd:1400W; Time, rise:35ns; Centres, fixing:28.5mm;
Low Noise, Low Power, 32 Taps 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDIP8
IGBT MODULE 6 PACK 96A 600V TRENCHIGBT MODULE 6 PACK 96A 600V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Current, Ic continuous a max:100A
IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V; Current, Ic continuous a max:22A; Current, Icm pulsed:44A; Power, Pd:1600W; Time,
http://
INTERSIL[Intersil Corporation]
Intersil, Corp.
PP150T120 POW-R-PAK 150A / 1200V 3 phase IGBT Assembly 的POW - r -巴基斯坦150A / 12003相IGBT大会
Powerex, Inc.
Powerex Power Semiconductors
PT150S12 PT150S16 DIODE MODULE 150A/1200V/1600V
NIEC[Nihon Inter Electronics Corporation]
PDMB200B12C IGBT MODULE Dual 200A 1200V
NIEC[Nihon Inter Electronics Corporation]
PDMB100B12C2 IGBT MODULE Dual 100A 1200V
NIEC[Nihon Inter Electronics Corporation]
PDMB300B12C IGBT MODULE Dual 300A 1200V
Nihon Inter Electronics Corporation
RURU150120 FN4146 150A/ 1200V Ultrafast Diode
150A, 1200V Ultrafast Diode
150A 1200V Ultrafast Diode
From old datasheet system
INTERSIL[Intersil Corporation]
 
 Related keyword From Full Text Search System
PDMB150B12C availability PDMB150B12C Characteristic PDMB150B12C instruments PDMB150B12C taping code PDMB150B12C sonardyne
PDMB150B12C timer PDMB150B12C number PDMB150B12C data PDMB150B12C 的参数 PDMB150B12C 参数 封装
 

 

Price & Availability of PDMB150B12C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6798400878906