PART |
Description |
Maker |
PD6NG-483R3Z21 PD6NG-0505Z21 PD6NG-0509Z21 PD6NG-0 |
PD6NG-XXXXZ2:1 1KV ISOLATED 1W REGULATED DUAL OUTPUT SIP8 PD6NG - XXXXZ21 1KV交隔1W的稳压双输出SIP8 PD6NG - XXXXZ2 1KV交隔W的稳压双输出SIP8
|
PEAK[PEAK electronics GmbH] http://
|
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6KU-2415E P6KU-0505E P6KU-0512E P6KU-0515E P6KU-1 |
3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8
|
PEAK[PEAK electronics GmbH]
|
PB10FG-2415Z21H30 PB10FG-1205Z21H30 PB10FG-1212Z21 |
3KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP16
|
PEAK[PEAK electronics GmbH]
|
P10MU-247R2Z P10MU-0505Z P10MU-0512Z P10MU-0515Z P |
3KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
PD10NG-483R3E21H30 PD10NG-0505E21H30 PD10NG-0509E2 |
PD10NG - XXXXE2小时30分千伏隔W的稳压单输出SIP8 PD10NG-XXXXE2:1H30 3KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8
|
PEAK[PEAK electronics GmbH] http://
|
HFD3-V/24-L2-S-R |
3kV dielectric strength
|
Hongfa Technology
|
PM-DA10 PM-DA12 PM-DA14 |
3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?/a>
|
Premier Magnetics, Inc.
|
PM-IS30 PM-IS31 PM-IS32 PM-IS33 PM-IS34 PM-IS35 PM |
T1/CEPT/ISDN-PRI 3KV - REINFORCED THRU-HOLE TRANSFORMERS
|
Premier Magnetics, Inc.
|
ADUM1280 ADUM1285 ADUM1281 ADUM1286 |
3kV rms, Default High, Dual-Channel Digital Isolators (2/0 Channel Directionality) 3kV rms, Default Low, Dual-Channel Digital Isolators (2/0 Channel Directionality) 3kV rms, Default High, Dual-Channel Digital Isolators (1/1 Channel Directionality) 3kV rms, Default Low, Dual-Channel Digital Isolators (1/1 Channel Directionality)
|
Analog Devices
|
CC1812JKNPOEBN221 |
220PF,5%,3KV,1812,SMT,IND CAPACITOR, CERAMIC, MULTILAYER, 3000 V, C0G, 0.00022 uF, SURFACE MOUNT, 1812
|
Yageo, Corp.
|